Electronic Components Datasheet Search
  English  ▼

X  

HU366 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HU366
Description  Safety Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HU366 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HU366 Datasheet HTML 1Page - List of Unclassifed Manufacturers HU366 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Data Sheet
HU362
Safety Switch , 60A, 600V, Non-Fusible, Heavy
Duty, 3-Pole
List Price
$325.00 USD
Availability Stock Item: This item is normally stocked in our distribution facility.
Depth
6.38 Inches
Height
17.50 Inches
Width
9.00 Inches
Action
Single Throw
Ampere Rating
60A
Approvals
UL Listed
Catalog Reference Number
3100CT9801
Electrical Interlock
None
Enclosure Material
Steel
Enclosure Rating
NEMA 1
Enclosure Type
General Purpose (Indoor)
Factory Installed Neutral
No
Disconnect Type
Non-Fusible
Terminal Type
Lugs
Mounting Type
Surface
Wire Size
#12 to #2 AWG(Al) or #14 to #2 AWG(Cu)
Type of Duty
Heavy Duty
Short Circuit Current Rating
200kA(max)
Number of Poles
3-Pole
Maximum Voltage Rating
600V
Technical Characteristics
Category
00008 - Safety Switch, Heavy Duty, 2 & 3 Pole, 30-200 Amp, Indoor
Discount Schedule
DE1
Article Number
785901505808
Package Quantity
1
Weight
14.8 lbs.
Availability Code
Stock Item: This item is normally stocked in our distribution facility.
Returnability
Y
Shipping and Ordering
As standards, specifications, and designs change from time to time, please ask for confirmation of the information given in this document.
Generated: 06/17/2009 08:05:13
© 2009 Schneider Electric. All rights reserved.
1


Similar Part No. - HU366

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HU366 SCHNEIDER-HU366 Datasheet
112Kb / 2P
Safety switch, heavy duty, non fusible, 600A, 3 poles, 500 hp, 600 VAC/DC, NEMA1
Jun 3, 2021
HU366AWK SCHNEIDER-HU366AWK Datasheet
98Kb / 2P
Safety switch, heavy duty, non fusible, 600A, 3 poles, 500 hp, 600 VAC/DC, NEMA 12
Jun 7, 2021
HU366AWKGL SCHNEIDER-HU366AWKGL Datasheet
63Kb / 2P
Safety switch, heavy duty, non fusible, 600A, 3 poles, 500 hp, 600 VAC/DC, NEMA 12, viewing window
Jun 17, 2021
HU366AWKVW SCHNEIDER-HU366AWKVW Datasheet
64Kb / 2P
Safety switch, heavy duty, non fusible, 600A, 3 poles, 500 hp, 600 VAC/DC, NEMA 12, viewing window
Jun 17, 2021
HU366DS SCHNEIDER-HU366DS Datasheet
108Kb / 2P
Safety switch, heavy duty, non fusible, 600A, 3 poles, 500 hp, 600 VAC/DC, NEMA 4, 4X, 5, 304 steel
Jun 7, 2021
More results

Similar Description - HU366

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H361AWK ETC2-H361AWK Datasheet
492Kb / 2P
Safety Switch
H365NR ETC2-H365NR Datasheet
90Kb / 1P
Safety Switch
logo
Pepperl+Fuchs Inc.
VAA-1E-IEI3-READER1-S-V31 PF-VAA-1E-IEI3-READER1-S-V31 Datasheet
149Kb / 1P
Safety Switch
VAA-2E1A-IER1-S-1M-V1 PF-VAA-2E1A-IER1-S-1M-V1 Datasheet
301Kb / 2P
Safety Switch
VAZ-IEI3-TAG1-S PF-VAZ-IEI3-TAG1-S Datasheet
129Kb / 1P
Safety Switch
VAZ-IER1-ACTUATOR1-S PF-VAZ-IER1-ACTUATOR1-S Datasheet
184Kb / 1P
Safety Switch
VAZ-IER2-ACTUATOR2-S PF-VAZ-IER2-ACTUATOR2-S Datasheet
171Kb / 1P
Safety Switch
VAA-2E-IER2-S-1M-V1 PF-VAA-2E-IER2-S-1M-V1 Datasheet
286Kb / 2P
Safety Switch
2019-01-09
VAA-2E-IM1-J-S-V1 PF-VAA-2E-IM1-J-S-V1 Datasheet
228Kb / 2P
Safety Switch
2019-01-09
VAA-2E2A-IM1-J-S-V1 PF-VAA-2E2A-IM1-J-S-V1 Datasheet
233Kb / 2P
Safety Switch
2019-01-09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com