Electronic Components Datasheet Search
  English  ▼

X  

54AC14 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC14
Description  Hex Inverter with Schmitt Trigger Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC14 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54AC14 Datasheet HTML 1Page - National Semiconductor (TI) 54AC14 Datasheet HTML 2Page - National Semiconductor (TI) 54AC14 Datasheet HTML 3Page - National Semiconductor (TI) 54AC14 Datasheet HTML 4Page - National Semiconductor (TI) 54AC14 Datasheet HTML 5Page - National Semiconductor (TI) 54AC14 Datasheet HTML 6Page - National Semiconductor (TI) 54AC14 Datasheet HTML 7Page - National Semiconductor (TI) 54AC14 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.5V to +7.0V
DC Input Diode Current (I
IK)
V
I = −0.5V
−20 mA
V
I = VCC + 0.5V
+20 mA
DC Input Voltage (V
I)
−0.5V to V
CC + 0.5V
DC Output Diode Current (I
OK)
V
O = −0.5V
−20 mA
V
O = VCC + 0.5V
+20 mA
DC Output Voltage (V
O)
−0.5V to V
CC + 0.5V
DC Output Source
or Sink Current (I
O)
±50 mA
DC V
CC or Ground Current
per Output Pin (I
CC or IGND)
±50 mA
Storage Temperature (T
STG)
−65˚C to +150˚C
Junction Temperature (T
J)
CDIP
175˚C
Recommended Operating
Conditions
Supply Voltage (V
CC)
’AC
2.0V to 6.0V
Input Voltage (V
I)
0VtoV
CC
Output Voltage (V
O)
0VtoV
CC
Operating Temperature (T
A)
54AC
−55˚C to +125˚C
Note 1: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, without
exception, to ensure that the system design is reliable over its power supply,
temperature, and output/input loading variables. National does not recom-
mend operation of FACT™ circuits outside databook specifications.
DC Characteristics for ’AC Family Devices
54AC
Symbol
Parameter
V
CC
T
A = −55˚C to +125˚C
Units
Conditions
(V)
Guaranteed Limits
V
OH
Minimum High Level Output
Voltage
3.0
2.9
I
OUT = −50 µA
4.5
4.4
V
5.5
5.4
(Note 2) V
IN = VIL or VIH
3.0
2.4
−12 mA
4.5
3.7
V
I
OH −24 mA
5.5
4.7
−24 mA
V
OL
Maximum Low Level Output
Voltage
3.0
0.1
I
OUT = 50 µA
4.5
0.1
V
5.5
0.1
(Note 2) V
IN = VIL or VIH
3.0
0.5
12 mA
4.5
0.5
V
I
OL 24 mA
5.5
0.5
24 mA
I
IN
Maximum Input
5.5
±1.0
µA
V
I = VCC, GND
Leakage Current
V
t+
Maximum Positive
3.0
2.2
T
A = Worst Case
Threshold
4.5
3.2
V
5.5
3.9
V
t−
Minimum Negative
3.0
0.5
T
A = Worst Case
Threshold
4.5
0.9
V
5.5
1.1
V
h(max)
Maximum Hysteresis
3.0
1.2
T
A = Worst Case
4.5
1.4
V
5.5
1.6
V
h(min)
Minimum Hysteresis
3.0
0.3
T
A = Worst Case
4.5
0.4
V
5.5
0.5
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com