Electronic Components Datasheet Search
  English  ▼

X  

54AC14 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC14
Description  Hex Inverter with Schmitt Trigger Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC14 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54AC14 Datasheet HTML 1Page - National Semiconductor (TI) 54AC14 Datasheet HTML 2Page - National Semiconductor (TI) 54AC14 Datasheet HTML 3Page - National Semiconductor (TI) 54AC14 Datasheet HTML 4Page - National Semiconductor (TI) 54AC14 Datasheet HTML 5Page - National Semiconductor (TI) 54AC14 Datasheet HTML 6Page - National Semiconductor (TI) 54AC14 Datasheet HTML 7Page - National Semiconductor (TI) 54AC14 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54AC14
Hex Inverter with Schmitt Trigger Input
General Description
The ’AC14 contains six inverter gates each with a Schmitt
trigger input. The ’AC14 contains six logic inverters which ac-
cept standard CMOS input signals and provide standard
CMOS output levels. They are capable of transforming
slowly changing input signals into sharply defined, jitter-free
output signals. In addition, they have a greater noise margin
than conventional inverters.
The ’AC14 has hysteresis between the positive-going and
negative-going input thresholds (typically 1.0V) which is de-
termined internally by transistor ratios and is essentially in-
sensitive to temperature and supply voltage variations.
Features
n ICC reduced by 50%
n Outputs source/sink 24 mA
n Standard Military Drawing (SMD)
— ’AC14: 5962-87624
Logic Symbol
Function Table
Input
Output
AO
LH
HL
FACT™ is a trademark of Fairchild Semiconductor Corporation.
IEEE/IEC
DS100263-1
July 1998
© 1998 National Semiconductor Corporation
DS100263
www.national.com


Similar Part No. - 54AC14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC14 NSC-54AC14 Datasheet
36Kb / 7P
Hex Inverter Schmidt Trigger
logo
STMicroelectronics
54AC14 STMICROELECTRONICS-54AC14 Datasheet
403Kb / 28P
Rad-hard advanced high-speed 5 V CMOS logic series
23-Apr-2012
logo
Texas Instruments
54AC14 TI-54AC14 Datasheet
87Kb / 6P
54AC14 Hex Inverter with Schmitt Trigger Input
logo
Silicon Supplies
54AC14 SS-54AC14 Datasheet
569Kb / 5P
Advanced CMOS Logic
Rev 1.0 15/02/22
54AC14 SS-54AC14 Datasheet
568Kb / 5P
Hex Schmitt-Trigger Inverter Logic IC in bare die form
Rev 1.0 15/02/22
More results

Similar Description - 54AC14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACTQ14 NSC-54ACTQ14 Datasheet
104Kb / 6P
Quiet Series Hex Inverter with Schmitt Trigger Input
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Fairchild Semiconductor
74AC14 FAIRCHILD-74AC14 Datasheet
132Kb / 9P
Hex Inverter with Schmitt Trigger Input
74ACTQ14 FAIRCHILD-74ACTQ14 Datasheet
100Kb / 7P
Quiet Series Hex Inverter with Schmitt Trigger Input
74LVQ14 FAIRCHILD-74LVQ14 Datasheet
54Kb / 5P
Low Voltage Hex Inverter with Schmitt Trigger Input
DM7414 FAIRCHILD-DM7414 Datasheet
35Kb / 3P
Hex Inverter with Schmitt Trigger Input
74ACT14 FAIRCHILD-74ACT14_11 Datasheet
240Kb / 10P
Hex Inverter with Schmitt Trigger Input
logo
Texas Instruments
5962-8762401CX TI-5962-8762401CX Datasheet
87Kb / 6P
54AC14 Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14 Datasheet
309Kb / 11P
Hex Inverter with Schmitt Trigger Input
February 2011 Rev. 1.7.2
74AC14 ONSEMI-74AC14_V01 Datasheet
374Kb / 11P
Hex Inverter with Schmitt Trigger Input
December, 2021-Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com