Electronic Components Datasheet Search
  English  ▼

X  

AMS3108S Datasheet(PDF) 2 Page - Advanced Monolithic Systems Ltd

Part # AMS3108S
Description  Micropower 700mA Low Noise Fast Transient Response LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS3108S Datasheet(HTML) 2 Page - Advanced Monolithic Systems Ltd

  AMS3108S Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS3108S Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS3108S Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS3108S Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS3108S Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS3108S Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS3108S Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS3108S Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS3108S Datasheet HTML 9Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AMS3108
Micropower 700mA Low Noise Fast Transient Response LDO
02/11/2010
www.advanced-monolithic.com
Phone (925) 443-0722
2
Fax (925) 443-0723
Pin Description (SOIC-8 EDP package)
Pin #
Symbol
Description
1
BYP
Reference Bypass pin. Connect an external capacitor from CBYP to ground to
bypass the noise generated by the internal bandgap. This improves power supply
rejection ratio and output noise.
2
GND
Ground
3
GND
Ground
4
VIN
Input supply Voltage. It powers the internal control circuitry and the internal power
switch. Bypass VIN with at ceramic capacitor from this pin to ground.
5
VOUT
Output Voltage
6
ADJ
Provides feedback to error amplifier from the resistive divider that sets the output
voltage.
NC
No Connection
7
PG
Power Good pin. It is an open collector, active high output that indicates the status
of the output voltage. When output voltage (VOUT) exceeds the PG trip threshold,
the PG pin goes in to a high impedance state. When the device is out of regulation
or shutdown, the PG pin is pulled low. A 10KΩ to 1MΩ resistor should be
connected from PG to VOUT.
8
EN
Enable pin. It controls the electrical on/off of the device. When connected to logic
low, the device shuts off and consumes less than 1µA of current. Logic high will
resume normal operation.
9
GND
Expose pad. Connected to PCB ground plane for good thermal dissipation.
Pin Configuration
SOIC-8 EDP (Top View)
VIN
PG
VOUT
GND
BYP
9
GND
2
3
4
1
5
6
7
GND
8 EN
ADJ / NC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com