Electronic Components Datasheet Search
  English  ▼

X  

AMS3108S Datasheet(PDF) 7 Page - Advanced Monolithic Systems Ltd

Part # AMS3108S
Description  Micropower 700mA Low Noise Fast Transient Response LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS3108S Datasheet(HTML) 7 Page - Advanced Monolithic Systems Ltd

Back Button AMS3108S Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS3108S Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS3108S Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS3108S Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS3108S Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS3108S Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS3108S Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS3108S Datasheet HTML 9Page - Advanced Monolithic Systems Ltd AMS3108S Datasheet HTML 10Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AMS3108
Micropower 700mA Low Noise Fast Transient Response LDO
02/11/2010
www.advanced-monolithic.com
Phone (925) 443-0722
7
Fax (925) 443-0723
Device Summary
The AMS3108 is a high voltage low drop out linear
regulator with a current capability of up to 700mA. The
LDO has an input voltage range of 1.5V to 12V with
an output voltage as low as 0.6V and is stable with a
wide range of ceramic, tantalum, and electrolytic
output capacitors.
Shutdown/Enable
The Enable (on/off) input threshold voltage is 1.1V.
When disabled the LDO quiescent current decreases
to a typical value of <1µA.
Fault Protection
Short circuit and over-temperature shutdown disable
the converter and LDO in the event of an overload
condition. Overtemp shutdown disables the device
when the junction temperature exceeds 145 ºC. The
output current is internally limited to 800mA.
Input Capacitor
An input bypass capacitor ranging from 1µF to 10µF
is required. The capacitor should be placed as close
as possible to the device and not be placed more than
1 inch from the LDO.
Output Capacitor
The output capacitor requirements range from the
minimum value required to guarantee stability to
larger values required to meet the extreme transient
response requirements. Values range from 10 to
22µF X5R ceramic capacitors. Due to the extreme
voltage coefficient of X5R ceramic capacitors, the
voltage rating should be at least double the maximum
applied voltage.
Bypass Capacitor
If the ByPass (BYP) is available, connecting a
capacitor between the BYP pin and ground can
significantly reduce output noise. Values can range
from 0pF to 10nF, depending on the sensitivity to
output noise in the application. The start-up speed of
the AMS3108 is inversely proportional to the size of
the bypass capacitor. Applications requiring a slow
ramp-up of output voltage should consider larger
values of bypass capacitance. Likewise, if rapid turn-
on is necessary, consider omitting CBYP.
Because the ByPass (BYP) pin is high-impedance,
careful considering must be taken in the PCB layout
to minimize noise pickup, and capacitors must be
selected to minimize current leakage.
Current
leakage into the BYP pin will directly affect the
regulator’s accuracy and should be kept low as
possible. Using high quality ceramic and film type’s
capacitors are recommended for their low leakage
characteristics.
Adjustable Version: Feedback Resistor Selection
Choosing AMS 3108 with adjustable output voltage
option allows the user to select an output voltage by
using an external resistor divider. AMS 3108 uses a
0.6V reference voltage at the positive terminal of the
error amplifier. To set the output voltage a
programming resistor from the adjust pin (ADJ) to
ground must be selected (See Pg.1). A 10kΩ resistor
is a good selection for a programming resistor R2. A
higher value may result in an excessively sensitive
feedback node while a lower value will draw more
current and degrade the light load efficiency. The
equation for selecting the voltage specific resistor is:
R
1 =
Vout
Vref
-1
·R2 =
1.8V
0.6V
-1
·10kΩ = 20kΩ
Table 1: Adjustable Feedback Resistor values
VOUT (V)
R1 (kΩ)
(R2=10kΩ)
1.8
20.0
2.5
31.6
3.3
45.3
5.0
73.2
Power Good
During
operation,
fault
conditions
can
occur
unexpectedly. Such conditions include input voltage
dropout (low VIN), overheating, or overloading
(excessive output current). If any of these conditions
occurs, the PG pin will set an “error flag”. The PG pin,
which is an open-collector output, will go LOW when
VOUT is less than 95% or the specified output voltage.
When the voltage at VOUT is greater than 95% of the
specified output voltage, the PG pin is HIGH. A logic
pull-up resistor of 10KΩ is recommended at this
output. The pin can be left disconnected if unused.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com