Electronic Components Datasheet Search
  English  ▼

X  

OT40F3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OT40F3
Description  Disconnect switches Non-fusible Fusible
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OT40F3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OT40F3 Datasheet HTML 1Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 2Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 3Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 4Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 5Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 6Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 7Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 | Disconnect switches - Nonfusible & fusible
ABB is committed to offering high quality and innovative
low voltage products. ABB’s disconnect switch lines are no
exception.
Modern materials and manufacturing technology coupled with
advanced features allow ABB’s disconnect switches to offer
superior customer benefits – exceptional performance, easy
installation, and ultimate protection – like no other. Through
a broad range of product offerings, ABB sets the standard for
disconnect switches industry-wide.
The disconnect switch is largely used in low voltage switchgear
for distribution of power, for starting and stopping motors
and for isolating loads during maintenance. ABB’s range of
disconnect switches are suitable for diverse applications, in
motor control centers, in switchboards and as main switches in
various equipment and machinery.
The disconnect product line ranges from standard 3-pole
configurations to specialty combination switches for transfer,
bypass and reversing. The comprehensive ABB range of Low
Voltage Disconnect Switch products is the perfect choice for
all switching applications.
Disconnect switches are integral to ABB’s line of circuit
protection devices to guard against equipment damage in
multiple applications. ABB prides itself in being the Safety
Pioneer for the low voltage electrical product industry as our
products offer maximum protection of the electrical installation
and the user. Designed to meet customer requirements for
safety, ABB’s disconnect switch lines feature:
Fingerproof construction – IP 20
Low voltage disconnect switches from ABB
Non-Fusible
Disconnect
Switches
2
Dead-front construction plus terminal shrouds reduce the
risk of touching live parts.
Padlockable mechanisms & handles
Handles can be padlocked in the OFF position with up to
three padlocks. Additionally, the switch mechanism can
be directly padlocked in the OFF position when the door is
open.
Welded contact protection
Positive opening operation safeguards users in case of
welded contacts due to an extreme overcurrent situation.
The ABB switch design cannot reach the OFF position
unless the contacts are truly open. This safeguards the user
by alerting them of the problem, maintains door interlock
safety and does not allow a padlock to be inserted.
Track resistant material
Excellent track resistant material reduces the risk of flashover
between phases even in the most severe circumstances.
Door Interlock
The handle and shaft provide door interlock so that the door
cannot be opened when the switch is in the ON position.
Clear position indication
All ABB disconnect switches and handles are clearly marked
with ON and OFF designations, which allow for quick position
identification whether the door is open or closed.
Fusible
Disconnect
Switches



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com