Electronic Components Datasheet Search
  English  ▼

X  

OT40F3 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # OT40F3
Description  Disconnect switches Non-fusible Fusible
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OT40F3 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  OT40F3 Datasheet HTML 1Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 2Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 3Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 4Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 5Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 6Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 7Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6 | Disconnect switches - Nonfusible & fusible
All ABB UL98 listed fusible switches are designed to meet
customer requirements in terms of high interrupting capacity
(all rated 200 kA) and long electrical life while occupying little
more panel space than the appropriate fuses.
The basic construction provides flexibility and high
performance in an extremely compact size. The fusible
switch line’s unique compact dimensions allow panel size
reduction in new applications and easily retrofit into existing
applications where space is limited.
Fusible disconnect switches
UL98 / IEC
Catalog number
3 pole
OS30FACC12
OS30FAJ12
OS60GJ03
OS100GJ03
OS200J03
OS400J03
OS600J03
OS800L03
OS1200L03
Amp rating
A
30
30
60
100
200
400
600
800
1200
Approvals
2 pole
N/A
N/A
N/A
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
3 pole
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
4 pole
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
Technical ratings – UL, CSA
Max operating voltage
V
600
600
600
600
600
600
600
600
600
Max horsepower rating
Three phase
240 V
HP
7.5
7.5
15
30
60
125
200
250
—
480 V
HP
15
15
30
60
125
250
400
500
—
600 V
HP
20
20
50
75
150
350
500
600
—
Single phase
120 V
HP
2
2
—
—
—
—
—
—
—
240 V
HP
3
3
—
—
—
—
—
—
—
UL fuse class
CC
J
J
J
J
J
J
L
L
Technical ratings – IEC
Rated insulation and operational
voltage. AC20 and DC20
V
1000
1000
1000
1000
1000
1000
1000
1000
1000
Rated thermal current, Ith
AC 20/DC 20 open
A
32
32
63
160
200
400
630
800
1250
AC 20/DC 20 enclosed
A
32
32
63
160
200
400
630
720
1250
AC 21A ≤500 V
A
32
32
63
160
200
400
630
800
1250
≤690 V
A
32
32
63
160
200
400
630
800
1250
Rated operational power AC23
400/415 V
kW
14/15
14/15
30
80/90
110
210/230
315/340
350/380
560
690 V
kW
25
25
60
132
200
330
540
600
1000
Short circuit interrupting capacity
kA
200
200
200
200
200
200
200
200
200
UL Fuse size
A
30
30
60
100
200
400
600
800
1200
UL Fuse type
CC
J
J
J
J
J
J
L
L
Physical characteristics
Weight
3 pole
lb
1.54
1.54
2.86
3.30
5.9
17.18
37.44
37.44
63.93
4 pole
lb
1.98
1.98
3.52
3.96
7.5
19.38
46.26
46.26
77.16
Dimension (3 pole)
H in
3.66
3.60
3.94
7.91
6.5
8.90
10.10
10.10
11.30
W in
4.15
4.15
5.69
5.77
7.1
11.26
14.80
14.80
16.42
D in
4.10
4.10
4.65
4.10
5.2
8.07
9.17
9.17
11.62
OS30FA_12
OS60GJ03
OS100GJ03
OS200J03
OS400J03
OS600J03 / OS800L03
OS1200L03
ABB’s fusible disconnect line includes eight amperage sizes
from 30A to 1200A and are complemented by a wide range of
fuse clip options. ABB fusible switches offer an economical
and reliable solution for fused short circuit protection.
Fuse isolation
ABB fusible switches contain contacts on both sides of
the fuse. The fuses are totally isolated in the OFF position,
reducing the risk of shock to authorized personnel – even if
the switch has been back fed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com