Electronic Components Datasheet Search
  English  ▼

X  

PSR3 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PSR3
Description  Softstarters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PSR3 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PSR3 Datasheet HTML 1Page - List of Unclassifed Manufacturers PSR3 Datasheet HTML 2Page - List of Unclassifed Manufacturers PSR3 Datasheet HTML 3Page - List of Unclassifed Manufacturers PSR3 Datasheet HTML 4Page - List of Unclassifed Manufacturers PSR3 Datasheet HTML 5Page - List of Unclassifed Manufacturers PSR3 Datasheet HTML 6Page - List of Unclassifed Manufacturers PSR3 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
8 Softstarters | 1SFC132005C0201, rev. M
1SFC132005C0201, rev. M | Softstarters 9
PSR – The compact range
Description
The PSR range is the most compact of all ABB’s softstarter
ranges. The compact PSR range makes it possible to fit many
devices into the same enclosure. A PSR together with a MMS
(manual motor starter) makes up a far more compact starting
solution than a Star-Delta starter, for instance.
Flexible mounting
PSR softstarters from 3 to 45 A are possible to mount on a
DIN-rail, ensuring quick and easy mounting. Naturally, all sizes
can be screw mounted.
Few settings
The setup of the PSR is easily done and confirmed using the
three clearly marked potentiometers on the front.
Built-in by-pass for energy saving
The built-in by-pass on all sizes does not only save energy;
it will also ensure the most compact ABB’s softstarter design
and reduce the installation time. Thanks to the reduced heat
generation, the softstarter can be mounted inside high IP class
enclosures.
Suitable for stopping pumps
Even without using torque control, the PSR range is designed
to reduce water hammering. Compared to the direct stops of a
Star-Delta starter or a DOL starter the PSR is superior. See the
stop ramp with step-down voltage below.
System concept with manual motor starters
All PSR softstarter sizes can easily be connected to the
corresponding manual motor starters from ABB by using
the special designed connection kits. This makes both the
mounting and the connection easier and will provide a very
compact starting solution containing short circuit and thermal
protection, isolation function and soft starter - everything that
you need.
Start = 1 ... 20 sec
Stop = 0 ... 20 sec - including the step down voltage.
Step down = 2% reduction for each second increased stop ramp
Stop ramp 10 sec -> step down 80% (20% reduction)
U
ini = 40 ... 70% results in end voltage = 30 ... 60%
3
2
1
3
1
2
Uini
Uend
Start
Stop
Step down
3
1
2
2
3
PSR – The compact range
Overview
PSR3 ... PSR16
PSR25 ... PSR30 PSR37... PSR45
PSR60 ... PSR105
Softstarter, type
Normal start
In-line connected
PSR3 PSR6
PSR9
PSR12
PSR16 PSR25
PSR30
PSR37
PSR45
PSR60 PSR72 PSR85 PSR105
(400 V) kW 1.5
3
4
5.5
7.5
11
15
18.5
22
30
37
45
55
IEC, max. A 3.9
6.8
9
12
16
25
30
37
45
60
72
85
105
(440-480 V) hp 2
3
5
7.5
10
15
20
25
30
40
50
60
75
UL, max FLA 3.4
6.1
9
11
15.2
24.2
28
34
46.2
59.4
68
80
104
400 V, 40 ºC
Using manual motor
starters type 1 coordination
will be achieved
Manual motor starter (50 kA) type
MS116
MS132
MS450
MS495
—
Using gG fuses type
1 coordination will be
achieved
Fuse protection (50 kA) gG Fuse
10 A
16 A
25 A
32 A
50 A
63 A
100 A
125 A
200 A
250 A
Suitable switch fuse for the
above gG fuses
Switch fuse, type
OS32GD
OS125GD
OS250D
Overload protection is used
to protect the motor from
over heating
Thermal overload relay
TF42
TF65
TF96
TF140DU
The line contactor is not
required for the softstarter
itself but often used to open
if OL trips
Line contactor, type
AF9
AF12
AF16
AF26
AF30
AF38
AF52
AF65
AF80
AF96
AF116
Using by-pass will reduce
the power loss and allow
more starts per hour
By-pass contacts
Built-in
Product description
• Wide rated operational voltage 208–600 V
• Rated control supply voltage 24 V AC/DC or 100–240 V AC
• Rated operational current 3–105 A
• Wide ambient temperature range, -25 to +60 ºC
• Built-in by-pass on all sizes, saving energy and reducing
installation time
• Potentiometer settings
• Run signal relay on all devices
• TOR signal relay on PSR25 … PSR105
• Optional fieldbus communication using Profibus, Modbus,
Devicenet or CANopen
• DIN rail mounting on PSR3 … PSR45
• Screw mounting on all sizes
• Connection kits for easy connection with ABB’s manual
motor starters
• Sophisticated algorithm eliminating the DC-component and
thereby providing excellent starting performance
Settings



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com