Electronic Components Datasheet Search
  English  ▼

X  

PSR3 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PSR3
Description  Softstarters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PSR3 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  PSR3 Datasheet HTML 1Page - List of Unclassifed Manufacturers PSR3 Datasheet HTML 2Page - List of Unclassifed Manufacturers PSR3 Datasheet HTML 3Page - List of Unclassifed Manufacturers PSR3 Datasheet HTML 4Page - List of Unclassifed Manufacturers PSR3 Datasheet HTML 5Page - List of Unclassifed Manufacturers PSR3 Datasheet HTML 6Page - List of Unclassifed Manufacturers PSR3 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
12 Softstarters | 1SFC132005C0201, rev. M
1SFC132005C0201, rev. M | Softstarters 13
PSR – The compact range
Technical data
UL ratings
Softstarter
Motor power P (hp) and full load current FLA (A)
Max
U
e
U
e
U
e
U
e
Max. fuse
Type
FLA
A
200 V/208 V
hp
220 V/240 V
hp
440 V/480 V
hp
550 V/600 V
hp
A, Type
PSR3
3.4
0.5
0.75
2
2
35 A J-Type
PSR6
6.1
1
1.5
3
5
35 A J-Type
PSR9
9
2
2
5
7.5
35 A J-Type
PSR12
11
3
3
7.5
10
35 A J-Type
PSR16
15.2
3
5
10
10
35 A J-Type
PSR25
24.2
7.5
7.5
15
20
60 A J-Type
PSR30
28
7.5
10
20
25
60 A J-Type
PSR37
34
10
10
25
30
90 A J-Type
PSR45
46.2
15
15
30
40
90 A J-Type
PSR60
59.4
20
20
40
50
110 A J-Type
PSR72
68
20
25
50
60
125 A J-Type
PSR85
80
25
30
60
75
150 A J-Type
PSR105
104
30
40
75
100
200 A J-Type
Rated insulation voltage U
i
600 V
Rated operational voltage U
e
208...600 V +10%/-15%, 50/60 Hz ±5%
Rated control supply voltage U
s
100...240 V AC, 50/60Hz ±5% or 24 V AC/DC, +10%/-15%,
Power consumption
PSR3
PSR6
PSR9
PSR12
PSR16
PSR25
PSR30
PSR37
PSR45
PSR60
PSR72
PSR85
PSR105
Supply circuit
at 100-240 V AC
12 VA
10 VA
at 24 V AC/DC
5 W
Max. Power loss at rated I
e
PSR3
PSR6
PSR9
PSR12
PSR16
PSR25
PSR30
PSR37
PSR45
PSR60
PSR72
PSR85
PSR105
0.7 W
2.9 W
6.5 W
11.5 W
20.5 W
25 W
36 W
5.5 W
8.1 W
3.6 W
5.2 W
7.2 W
6.6 W
Starting capacity at I
e
4 x Ie for 6 sec.
Number of starts per hour
See table below for details
standard
101)
with aux. fan
201)
Service factor
100%
Ambient temperature
during operation
-25 ºC to +60 ºC 2)
during storage
-40 ºC to +70 ºC
Maximum altitude
4000 m 3)
Degree of protection
PSR3
PSR6
PSR9
PSR12
PSR16
PSR25
PSR30
PSR37
PSR45
PSR60
PSR72
PSR85
PSR105
main circuit
IP20
IP10
control circuit
IP20
Connectable cable area
PSR3-PSR16
PSR25-PSR30
PSR37-PSR45
PSR60-PSR105
main circuit
1 x 0.75-2.5mm2
1 x 2.5-10mm2
1 x 6-35mm2
1 x 10-95mm2
2 x 0.75-2.5mm2
2 x 2.5-10mm2
2 x 6-16mm2
2 x 6-35mm2
PSR3-PSR16
PSR25-PSR105
control circuit
1 x 0.75-2.5mm2
1 x 0.75-2.5mm2
2 x 0.75-2.5mm2
2 x 0.75-1.5mm2
Signal relays
PSR3-PSR16
PSR25-PSR105
for run signal
resistive load
240 V AC, 3 A/24 V DC, 3 A
240 V AC, 3 A/24 V DC, 3 A
AC-15 (contactor)
240 V AC, 0.5 A/24 V DC, 0.5 A
240 V AC, 0.5 A/24 V DC, 0.5 A
for top ramp signal
resistive load
-
240 V AC, 3 A/24 V DC, 3 A
AC-15 (contactor)
-
240 V AC, 0.5 A/24 V DC, 0.5 A
LED
for On/Ready
green
for Run/Top of ramp
green
Settings Ramp time during start
1-20 sec.
Ramp time during stop
0-20 sec.
Initial- and end voltage
40-70%
1)
Valid for 50% on time and 50% off time. If other data is required, contact your sales office.
2)
Above 40 ºC up to max. 60 ºC reduce the rated current with 0.8% per ºC.
3)
When used at high alitudes above 1000 meters up to 4000 meters you need to derate the rated current using the following formula.
[ % of I
e = 100 -
x-1000 ] x = actual altitude for the softstarter
150
PSR – The compact range
UL ratings
Number of starts per hour using PSR softstarters
Motor
current
Starts/hour without auxiliary fan
Starts/hour with auxiliary fan
I
e
10
20
30
40
50
60
80
100
10
20
30
40
50
60
80
100
3 A
PSR3
PSR6
PSR3
6 A
PSR6
PSR9
PSR6
PSR9
9 A
PSR9
PSR12
PSR16 PSR25
PSR9
PSR12
12 A
PSR12
PSR16
PSR25
PSR30
PSR12
PSR16
PSR25
16 A
PSR16
PSR25
PSR30
PSR37
PSR16
PSR25
PSR30
25 A
PSR25 PSR30
PSR37
PSR45
PSR60
PSR25
PSR30
PSR37
PSR45
30 A
PSR30
PSR37
PSR45
PSR60
PSR72
PSR30
PSR37
PSR45
37 A
PSR37
PSR45
PSR60
PSR72 PSR85 PSR105
PSR37
PSR45
PSR60
45 A
PSR45
PSR60
PSR72 PSR85 PSR105
-
PSR45
PSR60
PSR72
60 A
PSR60
PSR72 PSR85
PSR105
-
-
PSR60
PSR72
PSR85 PSR105
-
72 A
PSR72 PSR85
PSR105
-
-
-
-
PSR72
PSR85
PSR105
-
-
85 A
PSR85
PSR105
-
-
-
-
-
PSR85
PSR105
-
-
-
-
105 A
PSR105
-
-
-
-
-
-
-
PSR105
-
-
-
-
-
-
Data based on an ambient temperature of 40°, starting current of 4 x I
e and ramp time 6 seconds.
For more optimized selections, or to use PSR for heavy-duty starts, please use the softstarter selection tool.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com