Electronic Components Datasheet Search
  English  ▼

X  

DMN2005UPS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN2005UPS
Description  20V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2005UPS Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN2005UPS Datasheet HTML 1Page - Diodes Incorporated DMN2005UPS Datasheet HTML 2Page - Diodes Incorporated DMN2005UPS Datasheet HTML 3Page - Diodes Incorporated DMN2005UPS Datasheet HTML 4Page - Diodes Incorporated DMN2005UPS Datasheet HTML 5Page - Diodes Incorporated DMN2005UPS Datasheet HTML 6Page - Diodes Incorporated DMN2005UPS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMN2005UPS
Document number: DS37844 Rev. 2 - 2
2 of 7
www.diodes.com
August 2015
© Diodes Incorporated
DMN2005UPS
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
20
15
A
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TC = +25°C
TC = +70°C
ID
100
88
A
Pulsed Drain Current (380
μs Pulse, Duty Cycle = 1%)
IDM
150
A
Maximum Continuous Body Diode Forward Current (Mounted on Infinite Heatsink)
IS
150
A
Avalanche Current (Note 7) L=0.2mH
IAS
36
A
Avalanche Energy (Note 7) L=0.2mH
EAS
133
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
1.5
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RJA
98
°C/W
t<10s
83
Total Power Dissipation (Note 6)
PD
3.0
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady state
RJA
51
°C/W
t<10s
43
Thermal Resistance, Junction to Case
RJC
1.5
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
20
—
—
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
—
—
1
µA
VDS = 20V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±12V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
0.4
0.7
1.2
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
—
4.6
m
Ω
VGS = 4.5V, ID = 13.5A
—
—
8.7
VGS = 2.5V, ID = 13.5A
Diode Forward Voltage
VSD
—
0.8
1.1
V
VGS = 0V, IS = 27A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
—
5337
—
pF
VDS = 10V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
—
560
—
pF
Reverse Transfer Capacitance
Crss
—
505
—
pF
Gate Resistance
Rg
—
0.7
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg
—
60
—
nC
VDS = 16V, ID = 27A
Total Gate Charge (VGS = 10V)
Qg
—
142
—
nC
Gate-Source Charge
Qgs
—
7
—
nC
Gate-Drain Charge
Qgd
—
11
—
nC
Turn-On Delay Time
tD(ON)
—
12.4
—
ns
VGS = 5V, VDS = 10V,
RG = 4.7Ω, ID = 13.5A
Turn-On Rise Time
tR
—
29.8
—
ns
Turn-Off Delay Time
tD(OFF)
—
117
—
ns
Turn-Off Fall Time
tF
—
52
—
ns
Body Diode Reverse Recovery Time
tRR
—
17.8
—
ns
IF = 13.5A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR
—
8.6
—
nC
IF = 13.5A, di/dt = 100A/μs
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate.
7. IAS and EAS ratings are based on low frequency and duty cycles to keep TJ = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com