Electronic Components Datasheet Search
  English  ▼

X  

TF65 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TF65
Description  Thermal overload relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TF65 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TF65 Datasheet HTML 1Page - List of Unclassifed Manufacturers TF65 Datasheet HTML 2Page - List of Unclassifed Manufacturers TF65 Datasheet HTML 3Page - List of Unclassifed Manufacturers TF65 Datasheet HTML 4Page - List of Unclassifed Manufacturers TF65 Datasheet HTML 5Page - List of Unclassifed Manufacturers TF65 Datasheet HTML 6Page - List of Unclassifed Manufacturers TF65 Datasheet HTML 7Page - List of Unclassifed Manufacturers TF65 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2CDC106069D0201 - 3
Resistance and power loss per pole and short-circuit protective devices
Type
Setting range
Resistance per
pole
Power loss
Short-circuit
protective device
lower value
A
upper value
A
mΩ
at lower value
W
at upper value
W
coordination type 2
TF65-28
22.0
28.0
3.937
1.9
3.1
80 A, gG Type Fuses
TF65-33
25.0
33.0
3.474
2.2
3.8
80 A, gG Type Fuses
TF65-40
30.0
40.0
2.321
2.1
3.7
100 A, gG Type Fuses
TF65-47
36.0
47.0
1.645
2.1
3.6
125 A, gG Type Fuses
TF65-53
44.0
53.0
1.292
2.5
3.6
125 A, gG Type Fuses
TF65-60
50.0
60.0
0.939
2.3
3.4
125 A, gG Type Fuses
TF65-67
57.0
67.0
0.759
2.5
3.4
160 A, gG Type Fuses
TF96-51
40.0
51.0
1.647
2.6
4.3
125 A, gG Type Fuses
TF96-60
48.0
60.0
1.316
3.0
4.7
160 A, gG Type Fuses
TF96-68
57.0
68.0
0.992
3.2
4.6
160 A, gG Type Fuses
TF96-78
65.0
78.0
0.632
2.7
3.8
200 A, gG Type Fuses
TF96-87
75.0
87.0
0.516
2.9
3.9
200 A, gG Type Fuses
TF96-96
84.0
96.0
0.397
2.8
3.7
250 A, gG Type Fuses
Technical diagrams
Intermittent periodic duty
140
120
0
20
40
60
80
100
020406080100 (%)
t =
1.5
s
a
t = 3
s
a
t = 5 s
a
duty ratio
(Op/h)
Motor starting time
Dimensions
in mm and inches
2T1
4T2
6T3
7 0.28"
34.8 1.37"
54.9
2.16"
37.4
1.47"
10.4
0.41"
4 0.08"
55.7 2.19"
10.1 0.40"
83.5 3.29"
102.8 4.05"
106.1 4.18"
106.9 4.21"
TF65
2T1
4T2
6T3
10 0.39"
45.8 1.80"
44.9
1.77"
54.9
2.16"
17.9 0.70"
2.5 0.10"
58.5 2.30"
12.1 0.47"
83.5 3.29"
102.8 4.05"
106.1 4.18"
106.9 4.21"
69.9
2.75"
TF96



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com