Electronic Components Datasheet Search
  English  ▼

X  

TF65 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TF65
Description  Thermal overload relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TF65 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TF65 Datasheet HTML 1Page - List of Unclassifed Manufacturers TF65 Datasheet HTML 2Page - List of Unclassifed Manufacturers TF65 Datasheet HTML 3Page - List of Unclassifed Manufacturers TF65 Datasheet HTML 4Page - List of Unclassifed Manufacturers TF65 Datasheet HTML 5Page - List of Unclassifed Manufacturers TF65 Datasheet HTML 6Page - List of Unclassifed Manufacturers TF65 Datasheet HTML 7Page - List of Unclassifed Manufacturers TF65 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2CDC106069D0201 - 5
Auxiliary circuit
95-96, 97-98
Rated operational voltage Ue
600 V
Conventional free air thermal current Ith
NC, 95-96
6 A
NO, 97-98
4 A
Rated frequency
DC, 50/60 Hz
Number of poles
1NC + 1NO
Rated operational current Ie
acc. to IEC/EN 60947-5-1 for utilization category
at AC-15 at 110-120 V
NC, 95-96
3.00 A
NO, 97-98
0.75 A
at AC-15 at 220-230-240 V
NC, 95-96
3.00 A
NO, 97-98
0.75 A
at AC-15 at 440 V
NC, 95-96
0.75 A
NO, 97-98
0.75 A
at AC-15 at 480-500 V
NC, 95-96
0.75 A
NO, 97-98
0.75 A
at DC-13 at 24 V
NC, 95-96
1.25 A
NO, 97-98
1.25 A
at DC-13 at 110-120-125 V
NC, 95-96
0.55 A
NO, 97-98
0.55 A
at DC-13 at 250 V
NC, 95-96
0.27 A
NO, 97-98
0.27 A
at DC-13 at 500 V
NC, 95-96
0.15 A
NO, 97-98
0.15 A
Minimum switching capacity
17 V / 3 mA
Short-circuit protective devices
NC, 95-96
6 A, Type gG
NO, 97-98
4 A, Type gG
Isolation data
95-96, 97-98
Rated impulse withstand voltage Uimp
6 kV
Rated insulation voltage Ui
690 V
Pollution degree
3
Electrical connection
95-96, 97-98
Connecting capacity
solid
1/2x 0.75 ... 4 mm²
stranded
1/2x 0.75 ... 4 mm²
flexible with ferrule
1/2x 0.75 ... 2.5 mm²
flexible with ferrule insulated
1x 0.75 ... 2.5 mm²
2x 0.75 ... 1.5 mm²
flexible without ferrule
1/2x 0.75 ... 1 mm²
1/2x 1 ... 2.5 mm²
Stripping length
9 mm
Tightening torques
1 ... 1.5 Nm
Connection screw
M3 (Pozidriv 2)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com