Electronic Components Datasheet Search
  English  ▼

X  

LM397 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM397
Description  Single General-Purpose Voltage Comparator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM397 Datasheet(HTML) 5 Page - Texas Instruments

  LM397 Datasheet HTML 1Page - Texas Instruments LM397 Datasheet HTML 2Page - Texas Instruments LM397 Datasheet HTML 3Page - Texas Instruments LM397 Datasheet HTML 4Page - Texas Instruments LM397 Datasheet HTML 5Page - Texas Instruments LM397 Datasheet HTML 6Page - Texas Instruments LM397 Datasheet HTML 7Page - Texas Instruments LM397 Datasheet HTML 8Page - Texas Instruments LM397 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LM397
www.ti.com
SNOS977E – MAY 2001 – REVISED OCTOBER 2015
6.5 Electrical Characteristics
Unless otherwise specified, all limits are ensured for TA = 25°C, VS = 5 V, V
− = 0 V, V
CM = V
+/2 = V
O.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
TA = 25ºC
2
7
VS = 5 V to 30 V,
VOS
Input offset voltage
mV
VO = 1.4 V, VCM = 0 V
At the temperature extremes
10
TA = 25ºC
1.6
50
IOS
Input offset current
VO = 1.4 V, VCM = 0 V
nA
At the temperature extremes
250
TA = 25ºC
10
250
IB
Input bias current
VO = 1.4 V, VCM = 0 V
nA
At the temperature extremes
400
RL = open, VS = 5 V
0.25
0.7
IS
Supply current
mA
RL = open, VS = 30 V
0.3
2
IO
Output sink current
VIN+ = 1 V, VIN− = 0 V, VO = 1.5 V
6
13
mA
VIN+ = 1 V, VIN− = 0 V, VO = 5 V
0.1
nA
ILEAKAGE
Output leakage current
VIN+ = 1 V, VIN− = 0 V, VO = 30 V
1
µA
TA = 25ºC
180
400
IO = −4 mA, VIN+ = 0 V,
VOL
Output voltage low
mV
VIN− = 1 V
At the temperature extremes
700
TA = 25ºC
0
VS – 1.5
Common-mode input
VCM
VS = 5 V to 30 V
(3)
V
voltage range
At the temperature extremes
0
VS – 2
VS = 15 V, VO = 1.4 V to 11.4 V,
AV
Voltage gain
120
V/mV
RL > = 15 kΩ connected to VS
Input overdrive = 5 mV
900
RL = 5.1 kΩ connected to 5 V, CL = 15 pF
Propagation delay
tPHL
ns
(high to low)
Input overdrive = 50 mV
250
RL = 5.1 kΩ connected to 5 V, CL = 15 pF
Input Overdrive = 5 mV
940
µs
RL = 5.1 kΩ connected to 5 V, CL = 15 pF
Propagation delay
tPLH
(low to high)
Input overdrive = 50 mV
440
ns
RL = 5.1 kΩ connected to 5 V, CL = 15 pF
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
(3)
The input common-mode voltage of either input should not be permitted to go below the negative rail by more than 0.3V. The upper end
of the common-mode voltage range is VS – 1.5 V at 25°C.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM397



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com