Electronic Components Datasheet Search
  English  ▼

X  

LM397 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM397
Description  Single General-Purpose Voltage Comparator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM397 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM397 Datasheet HTML 4Page - Texas Instruments LM397 Datasheet HTML 5Page - Texas Instruments LM397 Datasheet HTML 6Page - Texas Instruments LM397 Datasheet HTML 7Page - Texas Instruments LM397 Datasheet HTML 8Page - Texas Instruments LM397 Datasheet HTML 9Page - Texas Instruments LM397 Datasheet HTML 10Page - Texas Instruments LM397 Datasheet HTML 11Page - Texas Instruments LM397 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
VO
0
VIN
VT2
VT1
1
10
100
OUTPUT SINK CURRENT (mA)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
85°C
25°C
-40°C
LM397
SNOS977E – MAY 2001 – REVISED OCTOBER 2015
www.ti.com
Feature Description (continued)
Figure 7. Output Saturation Voltage vs Output Sink Current
7.4 Device Functional Modes
7.4.1 Hysteresis
The basic comparator configuration may oscillate or produce a noisy output if the applied differential input is near
the input offset voltage of the comparator. This tends to occur when the voltage on the input is equal or very
close to the other input voltage. Adding hysteresis can prevent this problem. Hysteresis creates two switching
thresholds (one for the rising input voltage and the other for the falling input voltage). Hysteresis is the voltage
difference between the two switching thresholds. When both inputs are nearly equal, hysteresis causes one input
to effectively move quickly pass the other. Thus, effectively moving the input out of region that oscillation may
occur.
For an inverting configured comparator, hysteresis can be added with a three resistor network and positive
feedback. When input voltage (VIN) at the inverting node is less than non-inverting node (VT), the output is high.
The equivalent circuit for the three resistor network is R1 in parallel with R3 and in series with R2. The lower
threshold voltage VT1 is calculated by Equation 1:
VT1 = ((VS R2) / (((R1 R3) / (R1 + R3)) + R2))
(1)
When VIN is greater than VT, the output voltage is low. The equivalent circuit for the three resistor network is R2
in parallel with R3 and in series with R1. The upper threshold voltage VT2 is calculated by Equation 2:
VT2 = VS ((R2 R3) / (R2 + R3)) / (R1 + ((R2 R3) / (R2 + R3)))
(2)
The hysteresis is defined in Equation 3:
ΔVIN = VT1 – VT2
(3)
Figure 8. Inverting Configured Comparator - LM397
8
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: LM397



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com