Electronic Components Datasheet Search
  English  ▼

X  

SDM1A40CSP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SDM1A40CSP
Description  1A SCHOTTKY BARRIER RECTIFER CHIP SCALE PACKAGE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDM1A40CSP Datasheet(HTML) 2 Page - Diodes Incorporated

  SDM1A40CSP Datasheet HTML 1Page - Diodes Incorporated SDM1A40CSP Datasheet HTML 2Page - Diodes Incorporated SDM1A40CSP Datasheet HTML 3Page - Diodes Incorporated SDM1A40CSP Datasheet HTML 4Page - Diodes Incorporated SDM1A40CSP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SDM1A40CSP
Document number: DS38446 Rev. 3 - 2
2 of 5
www.diodes.com
January 2016
© Diodes Incorporated
SDM1A40CSP
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
VRRM
40
V
Average Rectified Output Current
IO
1
A
Repetitive peak Forward Current
(Pulse Wave = 1 msec, Duty Cycle = 25%)
IFRM
5
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
14
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Ambient (Note 5)
RθJA
135
°C/W
Typical Thermal Resistance Junction to Ambient (Note 6)
RθJA
80
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
0.41
0.46
V
IF = 0.5A, TJ = +25°C
0.51
0.56
IF = 1.0A, TJ = +25°C
0.49
IF = 1.0A, TJ = +125°C
Leakage Current (Note 7)
IR
15
µA
VR = 10V, TJ = +25°C
75
VR = 40V, TJ = +25°C
9.5
mA
VR = 40V, TJ = +125°C
Junction Capacitance
CT
35
pF
VR = 4V, f = 1.0MHz
Notes:
5. Device mounted on FR-4 PCB, 2oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf.
6. Device mounted on FR-4 PCB, 2oz. 1 square inch Copper.
7. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com