Electronic Components Datasheet Search
  English  ▼

X  

SDM1A40CSP Datasheet(PDF) 4 Page - Diodes Incorporated

Part # SDM1A40CSP
Description  1A SCHOTTKY BARRIER RECTIFER CHIP SCALE PACKAGE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDM1A40CSP Datasheet(HTML) 4 Page - Diodes Incorporated

  SDM1A40CSP Datasheet HTML 1Page - Diodes Incorporated SDM1A40CSP Datasheet HTML 2Page - Diodes Incorporated SDM1A40CSP Datasheet HTML 3Page - Diodes Incorporated SDM1A40CSP Datasheet HTML 4Page - Diodes Incorporated SDM1A40CSP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SDM1A40CSP
Document number: DS38446 Rev. 3 - 2
4 of 5
www.diodes.com
January 2016
© Diodes Incorporated
SDM1A40CSP
Package Outline Dimensions
Please see AP02001 at http://www.diodes.com/_files/datasheets/ap02001.pdf for the latest version.
X3-WLB1006-2
X3-WLB1006-2
Dim
Min
Max
Typ
A
0.25
0.30
0.275
A1
0.00
0.01
-
b
0.450 0.550 0.500
D
0.95
1.05
1.000
E
0.55
0.65
0.600
k
-
-
0.288
L3
0.194 0.294 0.244
L3a 0.350 0.450 0.400
R
-
-
0.100
All Dimensions in mm
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/_files/datasheets/ap02001.pdf for the latest version.
X3-WLB1006-2
Dimensions
Value
(in mm)
X
0.332
X1
0.507
X2
0.989
Y
0.579
Seating Plane
A1
A
E
D
b(2x)
L3
L3a
R
k
X2
Y
X
X1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com