Electronic Components Datasheet Search
  English  ▼

X  

SDM2U30CSP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SDM2U30CSP
Description  2A SCHOTTKY BARRIER RECTIFIER CHIP SCALE PACKAGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDM2U30CSP Datasheet(HTML) 2 Page - Diodes Incorporated

  SDM2U30CSP Datasheet HTML 1Page - Diodes Incorporated SDM2U30CSP Datasheet HTML 2Page - Diodes Incorporated SDM2U30CSP Datasheet HTML 3Page - Diodes Incorporated SDM2U30CSP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SDM2U30CSP
Document number: DS36600 Rev. 8 - 2
2 of 4
www.diodes.com
December 2015
© Diodes Incorporated
SDM2U30CSP
P
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
VRRM
30
V
Average Rectified Output Current
IO
2.0
A
Repetitive Peak Forward Current
(Pulse Wave = 1 Sec, Duty Cycle = 66%)
IFRM
4.2
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
20
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Ambient (Note 5)
RθJA
155
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
—
0.38
0.42
V
IF = 1.0A
—
0.45
0.48
IF = 2.0A
Reverse Current (Note 6)
IR
—
—
150
µA
VR = 30V
Junction Capacitance
CJ
—
110
—
pF
VR = 4V, f = 1.0MHz
Notes:
5. Device mounted on FR-4 PCB, 2oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf.
6. Short duration pulse test used to minimize self-heating effect.
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
Figure 1 Typical Forward Characteristics
0.0001
0.001
0.01
0.1
1
10
0
100
200
300
400
500
600
700
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V , REVERSE VOLTAGE (V)
R
Figure 2 Typical Reverse Characteristics
0.001
0.01
0.1
1
10
100
1000
10000
100000
0
10
20
30
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com