Electronic Components Datasheet Search
  English  ▼

X  

SDM2U30CSP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SDM2U30CSP
Description  2A SCHOTTKY BARRIER RECTIFIER CHIP SCALE PACKAGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDM2U30CSP Datasheet(HTML) 3 Page - Diodes Incorporated

  SDM2U30CSP Datasheet HTML 1Page - Diodes Incorporated SDM2U30CSP Datasheet HTML 2Page - Diodes Incorporated SDM2U30CSP Datasheet HTML 3Page - Diodes Incorporated SDM2U30CSP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SDM2U30CSP
Document number: DS36600 Rev. 8 - 2
3 of 4
www.diodes.com
December 2015
© Diodes Incorporated
SDM2U30CSP
P
Package Outline Dimensions
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
V , REVERSE VOLTAGE (V)
R
Figure 3 Typical Junction Capacitance
10
100
1000
0
5
10
15
20
25
30
f = 1MHz
X3-WLB1608-2
Dim
Min
Max
Typ
A
0.250 0.300 0.275
A1
-
0.015
-
b
-
-
0.600
b1
-
-
0.600
D
1.57
1.63
1.60
E
0.77
0.83
0.80
K
-
-
0.282
L1
0.25
0.35
0.30
L2
0.90
1.00
0.95
All Dimensions in mm
Dimensions
Value
(in mm)
X
0.385
X1
1.035
X2
1.622
Y
0.690
D
E
b
b1
L1
K
L2
Seating Plane
A
A1
R=0.10
X2
X1
X
Y



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com