Electronic Components Datasheet Search
  English  ▼

X  

KPC2021 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KPC2021
Description  Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KPC2021 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KPC2021 Datasheet HTML 1Page - KODENSHI_AUK CORP. KPC2021 Datasheet HTML 2Page - KODENSHI_AUK CORP. KPC2021 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Photocoupler
FEATURES
• Peak Off-state Voltage : Min.400V
• On-state Current : Max. 100mA
• Electrical Isolation Voltage : AC2500Vrms
• Trigger LED Current
• UL Recognized File No. E107486
APPLICATIONS
• Office Machine
• Triac Driver
• Solid State Relay
MAXIMUM RATINGS
(Ta=25℃ )
*1. Input current with 100
µs pulse width, 1% duty cycle
*2. 100
µs pulse, 120 pps
*3. Measured at RH=40~60% for 1min
*4. 1/16 inch form case for 10sec
Peak Nonrepetitive Surge Current
*2
Isurge
1.2
A
• Household Use Equipment
Symbol
Reverse Voltage
VR
5
Power Dissipation
PD
100
Rating
KPC2020 • KPC2021 • KPC2022 • KPC2023
These Photocouplers cosist of a Gallium Arsenide Infrared Emitting
Diode and a Silicon NPNPN Phototriac in a 6-pin package.
mW
260
℃
Lead Soldering Temperature
*3
Tsol
Operating Temperature
Topr
-40~+100
℃
Storage Temperature
Tstg
-55~+100
℃
Input to Output Isolation Voltage
*3
Viso
AC2500
Vrms
V
mA
Power Dissipation
PD
150
mW
100
50
On-state RMS Current
Ta=25℃
Ta=70℃
IT(rms)
VDRM
400
Unit
Input
Forward Current
IF
50
mA
A
Parameter
mW
Ptot
330
V
Total Power Dissipation
Peak Forward Current
*1
IFP
1
Output
Peak Off-state Voltage
DIMENSION
(Unit : mm)
1/3
8.9
0.25
2.54
0.25
1
2
3
1.2
0.5
7.62
0.25
6.4
0.25
0
-15
6
5
4
Orientation Mark
3
2
1
6
5
4
PIN NO. AND INTERNAL
CONNECTION DIAGRAM


Similar Part No. - KPC2021

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
KPC-1608FGCK TO-GRACE-KPC-1608FGCK Datasheet
945Kb / 4P
1.6 x 0.8 mm SMD Chip LED Lamp
KPC-1608SEC-E TO-GRACE-KPC-1608SEC-E Datasheet
951Kb / 4P
1.6 x 0.8 mm SMD Chip LED Lamp
KPC-1608SECK-J4-PRV TO-GRACE-KPC-1608SECK-J4-PRV Datasheet
905Kb / 4P
1.6 x 0.8 mm SMD Chip LED Lamp
KPC-1608SYCK TO-GRACE-KPC-1608SYCK Datasheet
951Kb / 4P
1.6 x 0.8 mm SMD Chip LED Lamp
KPC-1608SYCK-J3-PRV TO-GRACE-KPC-1608SYCK-J3-PRV Datasheet
905Kb / 4P
1.6 x 0.8 mm SMD Chip LED Lamp
More results

Similar Description - KPC2021

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
K4N25G KODENSHI-K4N25G Datasheet
187Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K4N29 KODENSHI-K4N29 Datasheet
237Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K4N30 KODENSHI-K4N30 Datasheet
235Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K4N33 KODENSHI-K4N33 Datasheet
234Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K3620 KODENSHI-K3620 Datasheet
110Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K5620 KODENSHI-K5620 Datasheet
120Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
KPC3020 KODENSHI-KPC3020 Datasheet
123Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
KPC3051 KODENSHI-KPC3051 Datasheet
62Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
PC-18K1 KODENSHI-PC-18K1 Datasheet
80Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
PC-18T1 KODENSHI-PC-18T1 Datasheet
188Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com