Electronic Components Datasheet Search
  English  ▼

X  

KPC2021 Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # KPC2021
Description  Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KPC2021 Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  KPC2021 Datasheet HTML 1Page - KODENSHI_AUK CORP. KPC2021 Datasheet HTML 2Page - KODENSHI_AUK CORP. KPC2021 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Photocoupler
KPC2020 • KPC2021 • KPC2022 • KPC2023
3/3
Ambient Temperature Ta (℃)
Forward Current vs.
Ambient Temperature
0
-20
0
20
10
20
40
30
50
Holding Current vs.
Ambient Temperature
40
60
100
On-state Voltage VTM (V)
On-state Current vs.
On-state Voltage
-3
0.1
Ambient Temperature Ta(℃)
100
Trigger LED Current vs.
Ambient Temperature
80
Ambient temperature Ta(℃)
0
1
40
20
10
1000
80
60
100
Peak Off-state Current vs.
Ambient Temperature
R.M.S. On-state Current vs.
Ambient Temperature
-800
100
Ambient temperature Ta(℃)
Peak Off-state Voltage vs.
Ambient Temperature
0.2
-40
100
60
80
40
20
-20
0
Ambient Temperature Ta (℃)
0
40
20
100
80
60
-2
-1
0
1
2
3
-600
-400
-200
0
400
800
600
200
100
-20
20
0
60
80
40
0.4
0.6
0.8
1.2
1.0
1.4
0.3
0.5
1.2
1.0
2.0
3.0
80
60
40
-40
20
-20 0
0.1
2.0
0.3
0.5
1.0
1.2
3.0
-40
0
-20
40
20
100
80
60
LED Current Pulse Width PW (us)
1000
Normalized LED Current vs.
LED Current Pulse Width
10
3
5
2
1.8
1.6
1.2
1.4
1
500
300
100
10
30
50
IFT=30mA(KPC2020)
Ta=25℃
VDRM=400V
Forward Voltage V F (V)
20
0
0.4
100
120
140
60
40
80
1.2
0.8
1.6
Ta=70℃
Ta=25℃
Ta=-55℃
Forward Current vs.
Forward Voltage
2.0
Ambient temperature Ta(℃)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com