Electronic Components Datasheet Search
  English  ▼

X  

8241F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 8241F
Description  75 Ohm Coax
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8241F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  8241F Datasheet HTML 1Page - List of Unclassifed Manufacturers 8241F Datasheet HTML 2Page - List of Unclassifed Manufacturers 8241F Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
RG Type:
59/U
Suitability
Suitability - Indoor:
Yes
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
75
Nom. Inductance:
Inductance (µH/m)
0.29529
Nom. Capacitance Conductor to Shield:
Capacitance (pF/m)
56.7613
Nominal Velocity of Propagation:
VP (%)
78
Nominal Delay:
Delay (ns/m)
4.2653
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
49.215
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/km)
8.5306
Nom. Attenuation:
Freq. (MHz) Attenuation (dB/100m)
1
0.9843
10
2.9529
50
6.8901
100
9.843
200
14.7645
400
21.6546
700
29.2009
900
33.1381
1000
35.7629
Max. Operating Voltage - Non-UL:
Voltage
300 V RMS
Misc. Information (Overall)
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
8241F G7V1000
305 MT
16.329 KG
RED, MATTE
#22 FPE BRD PVC
8241F G7W1000
305 MT
16.329 KG
GREEN, MATTE
#22 FPE BRD PVC
8241F G7X1000
305 MT
16.329 KG
BLUE, MATTE
#22 FPE BRD PVC
8241F G7Y1000
305 MT
16.329 KG
WHITE, MATTE
#22 FPE BRD PVC
Page 2 of 3
10-30-2013
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
8241F Coax - 75 Ohm Coax



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com