Electronic Components Datasheet Search
  English  ▼

X  

8241F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 8241F
Description  75 Ohm Coax
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8241F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  8241F Datasheet HTML 1Page - List of Unclassifed Manufacturers 8241F Datasheet HTML 2Page - List of Unclassifed Manufacturers 8241F Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
General Description:
22 AWG stranded (7x30) .030" bare copper conductor, foam polyethylene insulation, bare copper braid
shield (95% coverage), PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Coax AWG Stranding Conductor Material Dia. (mm)
1
22
7x30
BC - Bare Copper
0.762
Total Number of Conductors:
1
Insulation
Insulation Material:
Insulation Material
Dia. (mm)
FPE - Foam Polyethylene 3.7084
Outer Shield
Outer Shield Material:
Type Outer Shield Material Coverage (%)
Braid BC - Bare Copper
95
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
PVC - Polyvinyl Chloride
Overall Cable
Overall Nominal Diameter:
6.121 mm
Mechanical Characteristics (Overall)
Operating Temperature Range:
-30°C To +60°C
Non-UL Temperature Rating:
60°C
Bulk Cable Weight:
49.111 Kg/Km
Max. Recommended Pulling Tension:
289.133 N
Min. Bend Radius/Minor Axis:
63.500 mm
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
EU Directive 2011/65/EU (ROHS II):
Yes
EU CE Mark:
No
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
Page 1 of 3
10-30-2013
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
8241F Coax - 75 Ohm Coax


Similar Part No. - 8241F

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8241F BELDEN-8241F Datasheet
157Kb / 3P
Analog Video, RG59, 22 AWG Stranded BC, BC Braid, PVC Jacket
11-09-2022
8241F-G7V1000 BELDEN-8241F-G7V1000 Datasheet
157Kb / 3P
Analog Video, RG59, 22 AWG Stranded BC, BC Braid, PVC Jacket
11-09-2022
8241F-G7W1000 BELDEN-8241F-G7W1000 Datasheet
157Kb / 3P
Analog Video, RG59, 22 AWG Stranded BC, BC Braid, PVC Jacket
11-09-2022
8241F-G7X1000 BELDEN-8241F-G7X1000 Datasheet
157Kb / 3P
Analog Video, RG59, 22 AWG Stranded BC, BC Braid, PVC Jacket
11-09-2022
8241F-G7Y1000 BELDEN-8241F-G7Y1000 Datasheet
157Kb / 3P
Analog Video, RG59, 22 AWG Stranded BC, BC Braid, PVC Jacket
11-09-2022
More results

Similar Description - 8241F

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD370-370-1001G WINCHESTER-SD370-370-1001G Datasheet
43Kb / 1P
FEMALE TO FEMALE COAX ADAPTOR 75 OHM
logo
ERNI Electronics
053307 ERNI-053307 Datasheet
45Kb / 1P
COAX-PLUG 75 OHM
064428 ERNI-064428 Datasheet
66Kb / 1P
COAX-PLUG 75 OHM
logo
Pasternack Enterprises,...
PE3CA1031 PASTERNACK-PE3CA1031 Datasheet
354Kb / 4P
75 Ohm N Male to 75 Ohm F Male Cable Using 75 Ohm Armored Test Coax, RoHS
PE36344-48 PASTERNACK-PE36344-48 Datasheet
359Kb / 3P
75 Ohm F Male to 75 Ohm F Female Bulkhead Cable 48 Inch Length Using 75 Ohm RG179 Coax
PE33188 PASTERNACK-PE33188 Datasheet
369Kb / 4P
75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax
PE36344 PASTERNACK-PE36344 Datasheet
357Kb / 3P
75 Ohm F Male to 75 Ohm F Female Bulkhead Cable Using 75 Ohm RG179 Coax
PE36344-12 PASTERNACK-PE36344-12 Datasheet
358Kb / 3P
75 Ohm F Male to 75 Ohm F Female Bulkhead Cable 12 Inch Length Using 75 Ohm RG179 Coax
PE36344-36 PASTERNACK-PE36344-36 Datasheet
358Kb / 3P
75 Ohm F Male to 75 Ohm F Female Bulkhead Cable 36 Inch Length Using 75 Ohm RG179 Coax
PE3C3394 PASTERNACK-PE3C3394 Datasheet
366Kb / 4P
50 Ohm BNC Male to 75 Ohm SMC Plug Cable Using 75 Ohm RG179 Coax
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com