Electronic Components Datasheet Search
  English  ▼

X  

INA138NA/250 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA138NA/250
Description  High-Side Measurement Current Shunt Monitor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA138NA/250 Datasheet(HTML) 4 Page - Texas Instruments

  INA138NA/250 Datasheet HTML 1Page - Texas Instruments INA138NA/250 Datasheet HTML 2Page - Texas Instruments INA138NA/250 Datasheet HTML 3Page - Texas Instruments INA138NA/250 Datasheet HTML 4Page - Texas Instruments INA138NA/250 Datasheet HTML 5Page - Texas Instruments INA138NA/250 Datasheet HTML 6Page - Texas Instruments INA138NA/250 Datasheet HTML 7Page - Texas Instruments INA138NA/250 Datasheet HTML 8Page - Texas Instruments INA138NA/250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
INA138, INA168
SBOS122D – DECEMBER 1999 – REVISED DECEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
INA138
–0.3
60
V
V+
Supply voltage
INA168
–0.3
75
V
Common mode(2)
–0.3
60
V
Analog inputs, INA138
Differential (VIN+) – (VIN–)
–40
2
V
VIN+, VIN–
Common mode(2)
–0.3
75
V
Analog inputs, INA138
Differential (VIN+) – (VIN–)
–40
2
V
Analog output, Out(2)
–0.3
40
V
Input current into any pin
10
mA
Operating temperature
–55
150
°C
Junction temperature
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input voltage at any pin may exceed the voltage shown if the current at that pin is limited to 10mA.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±1000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all
±500
pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
INA138
V+
2.7
5
36
V
Common Mode Voltage
2.7
12
36
V
INA168
V+
2.7
5
60
V
Common Mode Voltage
2.7
12
60
V
6.4 Thermal Information
INA1x8
THERMAL METRIC(1)
DBV
UNIT
5 PINS
RθJA
Junction-to-ambient thermal resistance
209.6
RθJC(top)
Junction-to-case (top) thermal resistance
196.8
RθJB
Junction-to-board thermal resistance
107.5
°C/W
ψJT
Junction-to-top characterization parameter
36.2
ψJB
Junction-to-board characterization parameter
104.5
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: INA138 INA168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com