Electronic Components Datasheet Search
  English  ▼

X  

INA138NA/250 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA138NA/250
Description  High-Side Measurement Current Shunt Monitor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA138NA/250 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA138NA/250 Datasheet HTML 10Page - Texas Instruments INA138NA/250 Datasheet HTML 11Page - Texas Instruments INA138NA/250 Datasheet HTML 12Page - Texas Instruments INA138NA/250 Datasheet HTML 13Page - Texas Instruments INA138NA/250 Datasheet HTML 14Page - Texas Instruments INA138NA/250 Datasheet HTML 15Page - Texas Instruments INA138NA/250 Datasheet HTML 16Page - Texas Instruments INA138NA/250 Datasheet HTML 17Page - Texas Instruments INA138NA/250 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
INA138, INA168
SBOS122D – DECEMBER 1999 – REVISED DECEMBER 2014
www.ti.com
Typical Applications (continued)
Figure 14. Offsetting the Output Voltage
8.2.4 Bipolar Current Measurement
The INA138 or INA168 devices can be configured as shown in Figure 15 in applications where measuring current
bi-directionally is required. Two INA devices are required connecting their inputs across the shunt resistor as
shown in Figure 15. A comparator, such as the TLV3201, is used to detect the polarity of the load current. The
magnitude of the load current is monitored across the resistor connected between ground and the connection
labeled Output. In this example the 100-k
Ω resistor results in a gain of 20 V/V. The 10-kΩ resistors connected in
series with the INA138 or INA168 output current are used to develop a voltage across the comparator inputs.
Two diodes are required to prevent current flow into the INA138 or INA168 output, as only one device at a time is
providing current to the Output connection of the circuit. The circuit functionality is illustrated in Figure 16.
14
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: INA138 INA168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com