Electronic Components Datasheet Search
  English  ▼

X  

INA203AIPW Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA203AIPW
Description  Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA203AIPW Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA203AIPW Datasheet HTML 17Page - Texas Instruments INA203AIPW Datasheet HTML 18Page - Texas Instruments INA203AIPW Datasheet HTML 19Page - Texas Instruments INA203AIPW Datasheet HTML 20Page - Texas Instruments INA203AIPW Datasheet HTML 21Page - Texas Instruments INA203AIPW Datasheet HTML 22Page - Texas Instruments INA203AIPW Datasheet HTML 23Page - Texas Instruments INA203AIPW Datasheet HTML 24Page - Texas Instruments INA203AIPW Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
2
4
6
8
10
12
14
16
18
20
22
V
(mV)
SENSE
24
INA205V
TestedLimit
OUT
(1)
V
CM2
V
CM1
V
CM3
V
CM4
V
,V
,andV
CM2
CM3
CM4 illustratethevariance
fromparttopartoftheV
thatcancause
CM
maximumV
withV
<20mV.
OUT
SENSE
V
TestedLimitat
OUT
V
=0mV,0
V
£
CM1
SENSE
V
£
.
S
NOTE:(1)INA203V
TestedLimit=0.4V.INA204V
TestedLimit=1V.
OUT
OUT
Ideal
INA203, INA204, INA205
www.ti.com
SBOS393E – MARCH 2007 – REVISED NOVEMBER 2015
Device Functional Modes (continued)
Figure 37. Example For Low VSENSE Case 2 (INA205, Gain = 100)
8.4.3 Transient Protection
The –16 V to 80 V common-mode range of the INA203, INA204, and INA205 is ideal for withstanding automotive
fault conditions ranging from 12-V battery reversal up to 80-V transients, since no additional protective
components are needed up to those levels. In the event that the INA203, INA204, and INA205 are exposed to
transients on the inputs in excess of their ratings, then external transient absorption with semiconductor transient
absorbers (Zeners or Transzorbs) are necessary. Use of metal oxide varistors (MOVs) or video disk recorders
(VDRs) is not recommended except when they are used in addition to a semiconductor transient absorber.
Select the transient absorber such that it will never allow the INA203, INA204, and INA205 to be exposed to
transients greater than 80 V (that is, allow for transient absorber tolerance, as well as additional voltage because
of transient absorber dynamic impedance). Despite the use of internal Zener-type ESD protection, the INA203,
INA204, and INA205 do not lend themselves to using external resistors in series with the inputs because the
internal gain resistors can vary up to ±30% but are closely matched. (If gain accuracy is not important, then
resistors can be added in series with the INA203, INA204, and INA205 inputs with two equal resistors on each
input.)
8.4.4 Output Voltage Range
The output of the INA203, INA204, and INA205 is accurate within the output voltage swing range set by the
power-supply pin, Vs. This performance is best illustrated when using the INA205 (a gain of 100 version), where
a 100-mV full-scale input from the shunt resistor requires an output voltage swing of 10 V, and a power-supply
voltage sufficient to achieve 10 V on the output.
8.4.5 Reference
The INA203, INA204, and INA205 include an internal voltage reference that has a load regulation of 0.4 mV/mA
(typical), and not more than 100 ppm/°C of drift. Only the 14-pin package allows external access to reference
voltages, where voltages of 1.2 V and 0.6 V are both available. Output current versus output voltage is illustrated
in the Typical Characteristics section.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: INA203 INA204 INA205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com