Electronic Components Datasheet Search
  English  ▼

X  

INA203AIPW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA203AIPW
Description  Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA203AIPW Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA203AIPW Datasheet HTML 3Page - Texas Instruments INA203AIPW Datasheet HTML 4Page - Texas Instruments INA203AIPW Datasheet HTML 5Page - Texas Instruments INA203AIPW Datasheet HTML 6Page - Texas Instruments INA203AIPW Datasheet HTML 7Page - Texas Instruments INA203AIPW Datasheet HTML 8Page - Texas Instruments INA203AIPW Datasheet HTML 9Page - Texas Instruments INA203AIPW Datasheet HTML 10Page - Texas Instruments INA203AIPW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
INA203, INA204, INA205
www.ti.com
SBOS393E – MARCH 2007 – REVISED NOVEMBER 2015
Electrical Characteristics: Current-Shunt Monitor (continued)
At TA = 25°C, VS = 12 V, VCM = 12 V, VSENSE = 100 mV, RL = 10 kΩ to GND, Rpullup = 5.1 kΩ each connected from CMP1 OUT
and CMP2 OUT to VS, and CMP1 IN+ = 1 V and CMP2 IN– = GND, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FREQUENCY RESPONSE
Bandwidth:
BW
INA203
CLOAD = 5 pF
500
kHz
INA204
CLOAD = 5 pF
300
kHz
INA205
CLOAD = 5 pF
200
kHz
Phase Margin
CLOAD < 10 nF
40
Slew Rate
SR
1
V/
μs
VSENSE = 10 mVPP to 100 mVPP,
Settling Time (1%)
2
μs
CLOAD = 5 pF
NOISE, RTI
Output Voltage Noise Density
40
nV/
√Hz
7.6 Electrical Characteristics: Comparator
At TA = 25°C, VS = 12 V, VCM = 12 V, VSENSE = 100 mV, RL = 10 kΩ to GND, and Rpullup = 5.1 kΩ each connected from CMP1
OUT and CMP2 OUT to VS, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Comparator Common-Mode Voltage = Threshold
Offset Voltage
2
mV
Voltage
Offset Voltage Drift,
TA = –40°C to 125°C
±2
μV/°C
Comparator 1
Offset Voltage Drift,
TA = –40°C to 125°C
5.4
μV/°C
Comparator 2
Threshold
TA = 25°C
590
608
620
mV
Over Temperature
TA = –40°C to 125°C
586
625
mV
Hysteresis (1), CMP1
TA = –40°C to 85°C
–8
mV
Hysteresis (1), CMP2
TA = –40°C to 85°C
8
mV
INPUT BIAS CURRENT (2)
CMP1 IN+, CMP2 IN+
0.005
10
nA
vs Temperature
TA = –40°C to 125°C
15
nA
INPUT IMPEDANCE
Pins 3 and 6 (14-pin packages
10
k
Ω
only)
INPUT RANGE
CMP1 IN+ and CMP2 IN+
0 V to VS – 1.5 V
V
Pins 3 and 6 (14-pin packages
0 V to VS – 1.5 V
V
only) (3)
OUTPUT
Large-Signal Differential Voltage
CMP VOUT 1 V to 4 V, RL ≥ 15 kΩ Connected to
200
V/mV
Gain
5 V
High-Level Output Current
VID = 0.4 V, VOH = VS
0.0001
1
μA
Low-Level Output Voltage
VID = –0.6 V, IOL = 2.35 mA
220
300
mV
RESPONSE TIME (4)
(1)
Hysteresis refers to the threshold (the threshold specification applies to a rising edge of a noninverting input) of a falling edge on the
noninverting input of the comparator; refer to Figure 1.
(2)
Specified by design; not production tested.
(3)
See the Comparator Maximum Input Voltage Range section in the Application and Implementation.
(4)
The comparator response time specified is the interval between the input step function and the instant when the output crosses 1.4 V.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: INA203 INA204 INA205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com