Electronic Components Datasheet Search
  English  ▼

X  

LMP92064 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMP92064
Description  Precision Low-Side, 125-kSps Simultaneous Sampling, Current Sensor and Voltage Monitor With SPI
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP92064 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMP92064 Datasheet HTML 17Page - Texas Instruments LMP92064 Datasheet HTML 18Page - Texas Instruments LMP92064 Datasheet HTML 19Page - Texas Instruments LMP92064 Datasheet HTML 20Page - Texas Instruments LMP92064 Datasheet HTML 21Page - Texas Instruments LMP92064 Datasheet HTML 22Page - Texas Instruments LMP92064 Datasheet HTML 23Page - Texas Instruments LMP92064 Datasheet HTML 24Page - Texas Instruments LMP92064 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Sense Resistor
Load Current Path
PCB
Source
Trace
Kelvin Sense
Traces to
Amplifer
PCB
Load
Trace
VSENSE
LMP92064
www.ti.com
SNOSCX0A – JUNE 2013 – REVISED DECEMBER 2014
9 Power Supply Recommendations
To decouple the LMP92064 from AC noise on the power supply, it is recommended to use a 0.1-
μF bypass
capacitor between the VDD and GND pins. This capacitor should be placed as close as possible to the supply
pins. In some cases an additional 10-
μF bypass capacitor may further reduce the supply noise. In addition, the
VDIG power pin should also be decoupled to DGND with a 0.1-
μF bypass capacitor. Do not forget that these
capacitors must be rated for the full supply voltage (2x the maximum voltage is recommended for the capacitor
working voltage rating).
10 Layout
10.1 Layout Guidelines
•
Connect the sense resistor pads directly to the INCP and INCN inputs of the LMP92064 using “Kelvin” or “4-
wire” connection techniques. See the Current Input Error Sources and Layout Considerations section for more
information.
•
Bypass capacitors should be placed in close proximity to the supply pins. It is recommended to use a 0.1-
μF
capacitor on each supply pin. Additional bypass capacitors can be used.
•
A 1-
μF ceramic bypass capacitor should be placed in close proximity to the REFC pin.
•
The SPI signals traces should be routed close together.
•
Series resistors should be placed at the SPI sources.
10.1.1 Current Input Error Sources
The traces leading to and from the sense resistor can be significant error sources. With small value sense
resistors (<100 m
Ω), trace resistance shared with the load can cause significant errors. TI recommends
connecting the sense resistor pads directly to the INCP and INCN inputs of the LMP92064 using “Kelvin” or “4-
wire” connection techniques. An example is shown in Figure 28.
Figure 28. 4-Wire "Kelvin" Sensing Technique
Because the sense traces only carry the amplifier bias current, the connecting input traces can be thinner, signal
level traces. The traces should be one continuous piece of copper from the sense resistor pad to the LMP92064
input pin pad, and ideally on the same layer with minimal vias or connectors. This can be important around the
sense resistor if it is generating any significant heat. To minimize noise pickup and thermal errors, the input
traces should be treated as a signal pair and routed tightly together with a direct path to the input pins. The input
traces should be run away from noise sources, such as digital lines, switching supplies or motor drive lines.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMP92064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com