Electronic Components Datasheet Search
  English  ▼

X  

INA188 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA188
Description  Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA188 Datasheet(HTML) 4 Page - Texas Instruments

  INA188 Datasheet HTML 1Page - Texas Instruments INA188 Datasheet HTML 2Page - Texas Instruments INA188 Datasheet HTML 3Page - Texas Instruments INA188 Datasheet HTML 4Page - Texas Instruments INA188 Datasheet HTML 5Page - Texas Instruments INA188 Datasheet HTML 6Page - Texas Instruments INA188 Datasheet HTML 7Page - Texas Instruments INA188 Datasheet HTML 8Page - Texas Instruments INA188 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
INA188
SBOS632 – SEPTEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
±20
Supply
V
40 (single supply)
Voltage
Current
±10
mA
Analog input range(2)
(V–) – 0.5
(V+) + 0.5
V
Output short-circuit(3)
Continuous
Operating range, TA
–55
150
Temperature
Junction, TJ
150
°C
Storage temperature, Tstg
–65
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input pins are diode-clamped to the power-supply rails. Input signals that can swing more than 0.3 V beyond the supply rails must be
current limited to 10 mA or less.
(3)
Short-circuit to ground.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Supply voltage
4 (±2)
36 (±18)
V
Specified temperature
-40
125
°C
6.4 Thermal Information
INA188
THERMAL METRIC(1)
D (SOIC)
DRG (WSON)
UNIT
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
125
145
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
80
75
°C/W
RθJB
Junction-to-board thermal resistance
68
39
°C/W
ψJT
Junction-to-top characterization parameter
32
14
°C/W
ψJB
Junction-to-board characterization parameter
68
105
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: INA188



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com