Electronic Components Datasheet Search
  English  ▼

X  

INA188 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA188
Description  Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA188 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA188 Datasheet HTML 2Page - Texas Instruments INA188 Datasheet HTML 3Page - Texas Instruments INA188 Datasheet HTML 4Page - Texas Instruments INA188 Datasheet HTML 5Page - Texas Instruments INA188 Datasheet HTML 6Page - Texas Instruments INA188 Datasheet HTML 7Page - Texas Instruments INA188 Datasheet HTML 8Page - Texas Instruments INA188 Datasheet HTML 9Page - Texas Instruments INA188 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
INA188
SBOS632 – SEPTEMBER 2015
www.ti.com
Electrical Characteristics: VS = ±4 V to ±18 V (VS = 8 V to 36 V) (continued)
At TA = 25°C, RL = 10 kΩ, VREF = VS / 2, and G = 1, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Output voltage swing from rail(5)
RL = 10 kΩ
(5)
220
250
mV
Capacitive load drive
1
nF
ISC
Short-circuit current
Continuous to common
±18
mA
FREQUENCY RESPONSE
G = 1
600
G = 10
95
BW
Bandwidth, –3 dB
kHz
G = 100
15
G = 1000
1.5
G = 1, VS = ±18 V, VO = 10-V step
0.9
SR
Slew rate
V/
μs
G = 100, VS = ±18 V, VO = 10-V step
0.17
G = 1, VS = ±18 V, VSTEP = 10 V
50
To 0.1%
μs
G = 100, VS = ±18 V, VSTEP = 10 V
400
tS
Settling time
G = 1, VS = ±18 V, VSTEP = 10 V
60
To 0.01%
μs
G = 100, VS = ±18 V, VSTEP = 10 V
500
Overload recovery
50% overdrive
75
μs
REFERENCE INPUT
RIN
Input impedance
40
k
Ω
Voltage range
V–
V+
V
POWER SUPPLY
Single
4
36
Voltage range
V
Dual
±2
±18
VIN = VS / 2
1.4
1.6
IQ
Quiescent current
mA
TA = –40°C to +125°C
1.8
TEMPERATURE RANGE
Specified temperature range
–40
125
°C
Operating temperature range
–55
150
°C
(5)
See Typical Characteristics curves, Output Voltage Swing vs Output Current (Figure 19 to Figure 22).
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: INA188



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com