Electronic Components Datasheet Search
  English  ▼

X  

LM34 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM34
Description  Precision Fahrenheit Temperature Sensors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM34 Datasheet(HTML) 3 Page - Texas Instruments

  LM34 Datasheet HTML 1Page - Texas Instruments LM34 Datasheet HTML 2Page - Texas Instruments LM34 Datasheet HTML 3Page - Texas Instruments LM34 Datasheet HTML 4Page - Texas Instruments LM34 Datasheet HTML 5Page - Texas Instruments LM34 Datasheet HTML 6Page - Texas Instruments LM34 Datasheet HTML 7Page - Texas Instruments LM34 Datasheet HTML 8Page - Texas Instruments LM34 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
+V
S
V
OUT GND
+V
S
V
OUT
GND
N.C.
N.C.
N.C.
N.C.
N.C.
1
2
3
4
8
7
6
5
+V
S
V
OUT
GND
t
LM34
www.ti.com
SNIS161D – MARCH 2000 – REVISED JANUARY 2016
5 Pin Configuration and Functions
NDV Package
3-PIn TO-46
(Bottom View)
Case is connected to negative pin (GND)
D Package
8-PIn SO8
(Top View)
N.C. = No connection
LP Package
3-Pin TO-92
(Bottom View)
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
TO46/NDV
TO92/LP
SO8/D
+VS
—
—
8
POWER
Positive power supply pin
VOUT
—
—
1
O
Temperature Sensor Analog Output
GND
—
—
4
GND
Device ground pin, connect to power supply negative terminal
2
3
N.C.
—
—
5
—
No Connection
6
7
Copyright © 2000–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com