Electronic Components Datasheet Search
  English  ▼

X  

LM34 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM34
Description  Precision Fahrenheit Temperature Sensors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM34 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM34 Datasheet HTML 11Page - Texas Instruments LM34 Datasheet HTML 12Page - Texas Instruments LM34 Datasheet HTML 13Page - Texas Instruments LM34 Datasheet HTML 14Page - Texas Instruments LM34 Datasheet HTML 15Page - Texas Instruments LM34 Datasheet HTML 16Page - Texas Instruments LM34 Datasheet HTML 17Page - Texas Instruments LM34 Datasheet HTML 18Page - Texas Instruments LM34 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
∗ = 1% or 2% film resistor
— Trim R for V = 3.525V
B
B
— Trim R for V
= 2.725V
C
C
— Trim R for V = 0.085V + 40 mV/°F x T
— Example, V = 3.285V at 80°F
A
A
AMBIENT
A
LM34
www.ti.com
SNIS161D – MARCH 2000 – REVISED JANUARY 2016
System Examples (continued)
Figure 22. Expanded Scale Thermometer
Figure 23. Temperature-to-Digital Converter
(50°F to 80°F, for Example Shown)
(Serial Output, 128°F Full Scale)
Figure 24. LM34 With Voltage-to-Frequency
Figure 25. Bar-Graph Temperature Display
Converter and Isolated Output
(Dot Mode)
(3°F to 300°F; 30 Hz to 3000 Hz)
Figure 26. Temperature-to-Digital Converter
Figure 27. Temperature Controller
(Parallel TRI-STATE Outputs for Standard Data Bus
to µP Interface, 128°F Full Scale)
Copyright © 2000–2016, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com