Electronic Components Datasheet Search
  English  ▼

X  

PCM1681PWPR Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1681PWPR
Description  Sampling, Enhanced Multilevel Delta-Sigma
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1681PWPR Datasheet(HTML) 34 Page - Texas Instruments

Back Button PCM1681PWPR Datasheet HTML 30Page - Texas Instruments PCM1681PWPR Datasheet HTML 31Page - Texas Instruments PCM1681PWPR Datasheet HTML 32Page - Texas Instruments PCM1681PWPR Datasheet HTML 33Page - Texas Instruments PCM1681PWPR Datasheet HTML 34Page - Texas Instruments PCM1681PWPR Datasheet HTML 35Page - Texas Instruments PCM1681PWPR Datasheet HTML 36Page - Texas Instruments PCM1681PWPR Datasheet HTML 37Page - Texas Instruments PCM1681PWPR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
Frequency [
× fS]
−120
−100
−80
−60
−40
−20
0
0
1
2
3
4
G001
PCM1681, PCM1681-Q1
SLES211C – FEBRUARY 2008 – REVISED JULY 2015
www.ti.com
Typical Application (continued)
9.2.2 Detailed Design Procedure
9.2.2.1 Hardware Control Method
There are 3 ways to control the PCM1681, hardware control, SPI, or I2C. Hardware control will provide a limited
access to control features available in the PCM1681 but can be implemented with pull up and pull downs, or with
GPIO of a microcontroller. Control via SPI or I2C will provide access to all control registers and features but will
require a digital device that can implement SPI or I2C.
9.2.2.2 Audio Input
For audio input there are 3 options, PCM serial data, TDM, or DSP. All three will support the same quality of
audio data, but having these 3 options to match the audio sources available outputs allows for greater flexibility.
This selection is made by configuring the MSEL pin which is detailed in Table 7 and shown in Figure 34.
9.2.2.3 Audio Output
The output of the PCM1681 will produce a 3.75-Vpp signal at full scale into a 5-k
Ω load, that should be filtered
before being sent to an amplifier.
9.2.2.4 Master Clock
The master clock can come from wither a dedicated IC such as the PLL170X series, a crystal or the audio
source IC. What is important is that the audio source and the PCM1681 are driven from the same source so that
the audio clocks will be synchronous.
9.2.3 Application Curve
Figure 35. Frequency Response (Sharp Roll-off)
10 Power Supply Recommendations
The PCM1681 and PCM1681-Q1 require 5 V for the analog supply and 3.3 V for the digital supply. The 5-V
supply is used to power the DAC analog and output filter circuitry, and the 3.3 V supply is used to power the
digital filter and serial interface circuitry. For best performance, a 5-V supply and a 3.3-V supply with linear
regulators are recommended.
Five capacitors are required for supply bypassing, as shown in Figure 34. These capacitors should be located as
close as possible to the PCM1681 and PCM1681-Q1 package. The 10-
μF capacitor should be tantalum or
aluminum electrolytic, while the three 1-
μF capacitors are ceramic.
34
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: PCM1681 PCM1681-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com