Electronic Components Datasheet Search
  English  ▼

X  

AS5047P-ATST Datasheet(PDF) 28 Page - ams AG

Part # AS5047P-ATST
Description  14-bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Decimal
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047P-ATST Datasheet(HTML) 28 Page - ams AG

Back Button AS5047P-ATST Datasheet HTML 24Page - ams AG AS5047P-ATST Datasheet HTML 25Page - ams AG AS5047P-ATST Datasheet HTML 26Page - ams AG AS5047P-ATST Datasheet HTML 27Page - ams AG AS5047P-ATST Datasheet HTML 28Page - ams AG AS5047P-ATST Datasheet HTML 29Page - ams AG AS5047P-ATST Datasheet HTML 30Page - ams AG AS5047P-ATST Datasheet HTML 31Page - ams AG AS5047P-ATST Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Page 28
ams Datasheet
Document Feedback
[v1-00] 2014-Oct-31
AS5047P − Application Information
The programming can either be performed in 5V operation
using the internal LDO (1uF on regulator output pin), or in 3V
Operation but using a supply voltage between 3.3V and 3.5V.
1.
Power ON cycle
2.
Write the SETTINGS1 and SETTINGS2 registerswith the
Custom settings for this application (Bit0 of Settings1 is
a factory bit. For programming its mandatory to set this
bit to 0).
3.
Position the magnet at the desired zero position
4.
Read out the measured angle from the ANGLE register
5.
Write ANGLE [5:0] into the ZPOSL register and ANGLE
[13:6] into the ZPOSM register
6.
Read reg(0x0016) to reg(0x0019)
→ Read register step1
7.
Comparison of written content (settings and angle) with
content of read register step1 (Removing of Bit0 of
Settings1 from the comparison is mandatory. Bit0 is
preprogrammed)
8.
If point 7 is correct, enable OTP read / write by setting
PROGEN = 1 in the PROG register
9.
Start the OTP burn procedure by setting PROGOTP = 1
in the PROG register
10. Read the PROG register until it reads 0x0000
(Programming procedure complete)
11. Clear the memory content writing 0x00 in the whole
non-volatile memory
12. Enable OTP read / write by setting PROGEN = 1 in the
PROG register
13. Set the PROGVER = 1 to set the Guard band for the guard
band test(1).
14. Refresh the non-volatile memory content with the OTP
content by setting OTPREF = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com