Electronic Components Datasheet Search
  English  ▼

X  

AS5047P-ATST Datasheet(PDF) 5 Page - ams AG

Part # AS5047P-ATST
Description  14-bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Decimal
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047P-ATST Datasheet(HTML) 5 Page - ams AG

  AS5047P-ATST Datasheet HTML 1Page - ams AG AS5047P-ATST Datasheet HTML 2Page - ams AG AS5047P-ATST Datasheet HTML 3Page - ams AG AS5047P-ATST Datasheet HTML 4Page - ams AG AS5047P-ATST Datasheet HTML 5Page - ams AG AS5047P-ATST Datasheet HTML 6Page - ams AG AS5047P-ATST Datasheet HTML 7Page - ams AG AS5047P-ATST Datasheet HTML 8Page - ams AG AS5047P-ATST Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
ams Datasheet
Page 5
[v1-00] 2014-Oct-31
Document Feedback
AS5047P − Absolute Maximum Ratings
Stresses beyond those listed under
“Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only. Functional operation
of the device at these or any other conditions beyond those
indicated under “Electrical Characteristics” is not implied.
Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Figure 5:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Note
VDD5
DC supply voltage at VDD pin
-0.3
7.0
V
VDD3
DC supply voltage at VDD3V3
pin
-0.3
5.0
V
VSS
DC supply voltage at GND pin
-0.3
0.3
V
Vin
Input pin voltage
VDD+0.3
V
Iscr
Input current
(latch-up immunity)
-100
100
mA
Norm: AEC-Q100-004
ESD
Electrostatic discharge
±2
kV
Norm: AEC-Q100-002
Pt
Total power dissipation
(all supplies and outputs)
150
mW
Ta5V0
Ambient temperature 5V0
-40
125
°C
In the 5.0V power supply mode
only
Ta3V3
Ambient temperature 3V3
-40
125
°C
In the 3.3V power supply mode if
NOISESET = 0
TaProg
Programming Temperature
5
45
°C
Programming @ Room
temperature (25°C ± 20°C)
Tstrg
Storage temperature
-55
150
°C
Tbody
Package body temperature
260
°C
Norm: IPC/JEDEC J-STD-020
Humidity non-condensing
5
85
%
Moisture sensitivity level
3
Represents a maximum floor
lifetime of 168h
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com