Electronic Components Datasheet Search
  English  ▼

X  

AS8202B Datasheet(PDF) 10 Page - ams AG

Part # AS8202B
Description  TTP-C2NF Communication Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202B Datasheet(HTML) 10 Page - ams AG

Back Button AS8202B Datasheet HTML 6Page - ams AG AS8202B Datasheet HTML 7Page - ams AG AS8202B Datasheet HTML 8Page - ams AG AS8202B Datasheet HTML 9Page - ams AG AS8202B Datasheet HTML 10Page - ams AG AS8202B Datasheet HTML 11Page - ams AG AS8202B Datasheet HTML 12Page - ams AG AS8202B Datasheet HTML 13Page - ams AG AS8202B Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.ams.com
Revision 1.0
10 - 20
AS8202B
Datasheet - Detailed Descr i p ti on
Asynchronous READYB permits the shortest possible bus cycle but eventually requires signal synchronization in the application. Connect
USE_RAM_CLK to VSS to enable this mode of operation.
Synchronous READYB uses an external clock (usually the host processor’s bus clock) for synchronization of the signal, eliminating external
synchronization logic. Connect USE_RAM_CLK to VDD and RAM_CLK_TESTSE to the host processor's bus clock to enable this mode of
operation.
Note: Due to possible metastability occurrence, it is not recommended to be used in safety critical systems.
Table 5. Asynchronous DPRAM Interface
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tc
Controller Cycle Time
25
ns
1a
Input Valid to CEB, WEB (Setup Time)
A[11:0]
5ns
2a
D[15:0]
1b
CEB, WEB to Input Invalid (Hold Time)
A[11:0]
3
ns
2b
D[15:0]
4
3
Input Rising to CEB, WEB Falling
CEB, WEB, OEB
5
(see note 1)
ns
4
CEB, WEB Rising to Input Falling
CEB, WEB, OEB
5
(see note 1,2)
ns
5
Write Access Time (CEB, WEB to
READYB)
Min = 1 Tc, Max = 4 Tc
25
100
ns
6
CEB, WEB de-asserted to READYB
de-asserted
9.4
ns
7a
Input Valid to CEB, OEB (Setup Time)
A[11:0]
5
ns
7b
CEB, OEB to Input Invalid (Hold Time)
A[11:0]
2
ns
8
Input Rising to CEB, OEB Falling
CEB, WEB, OEB
5
(see note 1)
ns
9
CEB, OEB Rising to Input Falling
CEB, WEB, OEB
5
(see note 1)
ns
10
Read Access Time (CEB, OEB to
READYB)
Min = 1.5 Tc, Max = 8 Tc
37.5
200
ns
11a
CEB, OEB asserted to signal asserted
D[15:0]
4.0
8.4
ns
11b
CEB, OEB de-asserted to signal de-
asserted
D[15:0]
3.8
8
ns
11c
READYB
8.8
12
READYB, D skew
±2
ns
13
RAM_CLK_TESTSE Rising to
READYB Falling
USE_RAM_CLK=1
3.7
13.5
ns
14
RAM_CLK_TESTSE Rising to
READYB Rising
USE_RAM_CLK=1
3
9.7
ns
15
RAM_CLK_TESTSE Rising to
READYB Deactivated 1->Z
USE_RAM_CLK
=1
Ready
delay=00
3.6
12.9
ns
Ready
delay=01
4.5
15.4
Ready
delay=10
5.4
18.8
Ready
delay=11
6.4
22.2
16
Read to Read Access Inactivity Time
(CEB, OEB low to CEB, OEB low)
Min = 1.5 Tc
37.5
(see note 1)
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com