| Electronic Components Datasheet Search |
|
AS8202B Datasheet(PDF) 15 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8202B Datasheet(HTML) 15 Page - ams AG |
|
15 / 20 page ![]() www.ams.com Revision 1.0 15 - 20 AS8202B Datasheet - Detailed Descr i p ti on 7.4 TTP Asynchronous Bus Interface When in asynchronous mode of operation the channel's bus unit uses a self-clocking transmission encoding which can be either MFM or Manchester at a maximum data rate of 4 Mbit/s on a shared media (physical bus). The pins can either be connected to drivers using recessive/ dominant states on the wire as well as drivers using active push/pull functionality. The RxD signal uses '1' as the inactivity level. In the so-called RS485 compatible mode longer periods of '0' are treated as inactivity. If the RS485 compatible mode is not used, the application must care to drive RxD to '1' during inactivity on the bus. 7.5 TTP Synchronous Bus Interface When in synchronous mode of operation, the bus unit uses a synchronous transfer method to transfer data at a rate between 20 and 25 Mbit/s. The interface is designed to run at 25 Mbit/s and to be fully compatible with the commercial 100 Mbit/s Ethernet MII (Media Independent Interface) according to IEEE standard 802.3 (Ethernet CSMA/CD). Connecting the synchronous TTP bus unit to a 100 Mbit/s Ethernet PHY is done by connecting TxD, CTS, TxCLK, RXER, RXCLK, RxDV and RxD of any channel to TxD0TxD0, TxEN, TxCLK, RXER, RXCLK, RxDV and RxD0 of the PHY's MII. The pins TxD1, TxD2 and TxD3 of the PHY's MII should be linked to VSS. The signals RxD1, RxD2, RxD3, COL and CRS as well as the MMII (Management Interface) should be left open or can be used for diagnostic purposes by the application. Note that the frames sent by the AS8202B are not Ethernet compatible and that an Ethernet Hub (not a Switch) can be used as a 'star coupler' for proper operation. Also note that the Ethernet PHY must be configured for Full Duplex operation (even though the Hub does not support full duplex), because TTP has its own collision management that should not interfere with the PHY's Half-Duplex collision management. In general, the PHY must not be configured for automatic configuration ('Auto negotiation') but be hard-configured for 100 Mbit/s, Full Duplex operation. Note: To run the interface at a rate other than 25 Mbit/s other transceiver PHY components have to be used. Table 10. Asynchronous Bus Interface Connections Pin Name Mode Connect to PHY Note TxD[0] out TxD Transmit data channel 0 CTS[0] out CTS Transmit enable channel 0 TxCLK[0] in No function (do not connect) RXER[0] in No function (do not connect) RXCLK[0] in No function (do not connect) RxDV[0] in No function (do not connect) RxD[0] in RxD Receive data channel 0 TxD[1] out TxD Transmit data channel 1 CTS[1] out CTS Transmit enable channel 1 TxCLK[1] in No function (do not connect) RXER[1] in No function (do not connect) RXCLK[1] in No function (do not connect) RxDV[1] in No function (do not connect) RxD[1] in RxD Receive data channel 1 Table 11. Synchronous Bus Interface Connections Pin Name Mode Connect to PHY Note TxD[0] out TxD0TxD0 Transmit data channel 0 CTS[0] out TxEN Transmit enable channel 0 TxCLK[0] in TxCLK Transmit clock channel 0 RXER[0] in RXER Receive error channel 0 RXCLK[0] in RXCLK Receive clock channel 0 RxDV[0] in RxDV Receive data valid channel 0 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |