Electronic Components Datasheet Search
  English  ▼

X  

HLS-442 Datasheet(PDF) 8 Page - ams AG

Part # HLS-442
Description  Automotive Hydrogen Leak Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

HLS-442 Datasheet(HTML) 8 Page - ams AG

Back Button HLS-442 Datasheet HTML 4Page - ams AG HLS-442 Datasheet HTML 5Page - ams AG HLS-442 Datasheet HTML 6Page - ams AG HLS-442 Datasheet HTML 7Page - ams AG HLS-442 Datasheet HTML 8Page - ams AG HLS-442 Datasheet HTML 9Page - ams AG HLS-442 Datasheet HTML 10Page - ams AG HLS-442 Datasheet HTML 11Page - ams AG HLS-442 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-00] 2015-Mar-30
HLS-442 − Electrical Inter face
H2 Concentration
0% is encoded with decimal number 20.
4.4% (44000 ppm) is encoded with decimal number 240.
The relation between detected H2 concentration (in ppm) and
concentration code as signaled in the message is:
Code = round(H2/200) + 20
H2 = (code – 20)*200
Where round() denotes rounding towards the nearest integer.
Protection Value
The protection value offers a 10-bit consistency check of the
transmitted concentration, status and message counter. The
following pseudo code describes the algorithm forming the
10-bit value and how it is projected on to the protection value
1 and the protection value 2 bytes in the SSM.
code[7 - 0] denotes the set of 8 bits transmitted as code for
representing the H2 concentration.
status[1 - 0] denotes the set of two bits transmitted as code for
representing sensor status.
mgscnt[6 - 0] denotes the set of 7 bits transmitted as code for
representing message counter.
pv[9 - 0] denotes the set of 10 bits forming the protection value.
pv1[7 - 0] denotes the set of 8 bits transmitted as code for
protection value 1.
pv2[1 - 0] denotes the set of 2 bits transmitted as code for
protection value 2.
(EQ1)
(EQ2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com