Electronic Components Datasheet Search
  English  ▼

X  

HLS-442 Datasheet(PDF) 9 Page - ams AG

Part # HLS-442
Description  Automotive Hydrogen Leak Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

HLS-442 Datasheet(HTML) 9 Page - ams AG

Back Button HLS-442 Datasheet HTML 5Page - ams AG HLS-442 Datasheet HTML 6Page - ams AG HLS-442 Datasheet HTML 7Page - ams AG HLS-442 Datasheet HTML 8Page - ams AG HLS-442 Datasheet HTML 9Page - ams AG HLS-442 Datasheet HTML 10Page - ams AG HLS-442 Datasheet HTML 11Page - ams AG HLS-442 Datasheet HTML 12Page - ams AG HLS-442 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ams Datasheet
Page 9
[v1-00] 2015-Mar-30
Document Feedback
HLS-442 − Electrical Interface
Figure 9:
Pseudo Code Description of Protection Value
FE High / FE Low
The raw FE signal is available in 10-bit resolution (1 step = 4mV).
The high 8 bits are available in byte 2 and the lower 2 bits in
byte 7, bit 6-7. The data range is 0-4092mV.
CRC16
Byte 3 and byte 7 form a 16-bit CRC value. The CRC is CCITT
CRC16.
Sensor Number
Sensor Number is defined by power supply feeds and CAN ID
assigned sensor number is repeated in byte 4 bit 2-4. The value
sent is given in Bus Identification.
Message Counter
The message counter is incremented by 1 after each
transmission of a SSM frame. After the counter reaches 255 it
wraps around and the next transmitted counter value
becomes 0. At sensor start-up the message counter begins at 1.
Pseudo Code
Description
pv[9 - 8] = status[1 - 0]
Assign two most significant bits of pv as the status bits
pv[7 - 0] = code[7 - 0]
Assign 8 least significant bits of pv as the code bits
pv[9 - 0] = pv[9 - 0] +
msgcnt[1 - 0]
To pv add the number formed by two least significant bits of the message
counter
pv[9 - 0] = NOT pv[9 - 0]
Perform bitwise inverse of pv
pv[9 - 0] = pv[9 - 0] + 1
To pv add 1
pv1[7 - 0] = pv[7 - 0]
Form protection value 1 of the 8 least significant bits of the 10-bit
protection value
pv2[1 - 0] = pv[9 - 8]
Form protection value 2 of the 2 most significant bits of the 10-bit
protection value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com