Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548
Description  8-Channel HD Compatible Audio Processor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5548 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 45Page - Texas Instruments TAS5548 Datasheet HTML 46Page - Texas Instruments TAS5548 Datasheet HTML 47Page - Texas Instruments TAS5548 Datasheet HTML 48Page - Texas Instruments TAS5548 Datasheet HTML 49Page - Texas Instruments TAS5548 Datasheet HTML 50Page - Texas Instruments TAS5548 Datasheet HTML 51Page - Texas Instruments TAS5548 Datasheet HTML 52Page - Texas Instruments TAS5548 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 116 page
background image
7-BitSlave Address
R/
W
8-BitRegister Address(N)
A
8-BitRegisterDataFor
Address(N)
Start
Stop
SDA
SCL
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
A
8-BitRegisterDataFor
Address(N)
A
A
T0035-01
TAS5548
www.ti.com
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
Programming (continued)
The TAS5548 supports the standard-mode I2C bus operation (100 kHz maximum) and the fast I2C bus operation
(400 kHz maximum). The TAS5548 performs all I2C operations without I2C wait cycles.
The I2C address is 0x36 if ASEL pin = '1, but if the value of the pin = '0', then respective values will be 0X34.
7.5.1.1 General I2C Operation
The I2C bus employs two signals—SDA (data) and SCL (clock)—to communicate between integrated circuits in a
system. Data is transferred on the bus serially, one bit at a time. The address and data can be transferred in byte
(8-bit) format, with the most significant bit (MSB) transferred first. In addition, each byte transferred on the bus is
acknowledged by the receiving device with an acknowledge bit. Each transfer operation begins with the master
device driving a start condition on the bus and ends with the master device driving a stop condition on the bus.
The bus uses transitions on SDA while the clock is high to indicate start and stop conditions. A high-to-low
transition on SDA indicates a start and a low-to-high transition indicates a stop. Normal data bit transitions must
occur within the low time of the clock period. These conditions are shown in Figure 40. The master generates the
7-bit slave address and the read/write (R/W) bit to open communication with another device and then waits for an
acknowledge condition. The TAS5548 holds SDA low during the acknowledge clock period to indicate an
acknowledgement. When this occurs, the master transmits the next byte of the sequence. Each device is
addressed by a unique 7-bit slave address plus R/W bit (1 byte). All compatible devices share the same signals
via a bidirectional bus using a wired-AND connection. An external pullup resistor must be used for the SDA and
SCL signals to set the high level for the bus.
Figure 40. Typical I2C Sequence
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com