Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548
Description  8-Channel HD Compatible Audio Processor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5548 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 4Page - Texas Instruments TAS5548 Datasheet HTML 5Page - Texas Instruments TAS5548 Datasheet HTML 6Page - Texas Instruments TAS5548 Datasheet HTML 7Page - Texas Instruments TAS5548 Datasheet HTML 8Page - Texas Instruments TAS5548 Datasheet HTML 9Page - Texas Instruments TAS5548 Datasheet HTML 10Page - Texas Instruments TAS5548 Datasheet HTML 11Page - Texas Instruments TAS5548 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 116 page
background image
TAS5548
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
www.ti.com
6.8 Timing I
2C Serial Control Port Operation
Timing Characteristics for I
2C Interface Signals over recommended operating conditions (unless otherwise noted)
STANDARD MODE
FAST MODE
UNIT
MIN
MAX
MIN
MAX
fSCL
SCL clock frequency
0
100
0
400
kHz
Hold time (repeated) START condition. After
tHD-STA
4
0.6
μs
this period, the first clock pulse is generated.
tLOW
LOW period of the SCL clock
4.7
1.3
μs
tHIGH
HIGH period of the SCL clock
4
0.6
μs
tSU-STA
Setup time for repeated START
4.7
0.6
μs
tSU-DAT
Data setup time
250
200
ns
tHD-DAT
Data hold time
0
3.45
0
0.9
μs
tr
Rise time of both SDA and SCL, see Figure 1
1000
20 + 0.1 Cb
500
ns
tf
Fall time of both SDA and SCL, see Figure 1
300
20 + 0.1 Cb
300
ns
tSU-STO
Setup time for STOP condition
4
0.6
μs
Bus free time between a STOP and START
tBUF
4.7
1.3
μs
condition
Cb
Capacitive loads for each bus line
400
400
pF
Noise margin at the LOW level for each
VnL
0.1 × VDD
0.1 × VDD
V
connected device (including hysteresis)
Noise margin at the HIGH level for each
VnH
0.2 × VDD
0.2 × VDD
V
connected device (including hysteresis)
6.9 Reset Timing (RESET)
Control signal parameters over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
tr(DMSTATE)
Time to Non PWM Switching low
400
ns
tw(RESET)
Pulse duration, RESET active, see Figure 3
400
None
ns
tr(I2C_ready)
Time to enable I2C
5
ms
6.10 Power-Down (PDN) Timing
Control signal parameters over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
tp(DMSTATE)
Time to Non PWM Switching low
650
μs
Number of MCLKs preceding the release of PDN, see Figure 4
5
tsu
Device startup time
200
µs
Time to audio output
160
mS
6.11 Back-End Error (BKND_ERR)
Control signal parameters over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
tw(ER)
Pulse duration, BKND_ERR active, see Figure 5
350
None
ns
tp(valid_low)
Minimum amount of time that device asserts VALID low.
<100
μs
tp(valid_high)
I2C programmable to be between <1mS to 1.2 seconds (to avoid glitching with
–25
25
% of interval
persistent BKND_ERR)
8
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com