Electronic Components Datasheet Search
  English  ▼

X  

TCS34903FN Datasheet(PDF) 4 Page - ams AG

Part # TCS34903FN
Description  Color Light-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS34903FN Datasheet(HTML) 4 Page - ams AG

  TCS34903FN Datasheet HTML 1Page - ams AG TCS34903FN Datasheet HTML 2Page - ams AG TCS34903FN Datasheet HTML 3Page - ams AG TCS34903FN Datasheet HTML 4Page - ams AG TCS34903FN Datasheet HTML 5Page - ams AG TCS34903FN Datasheet HTML 6Page - ams AG TCS34903FN Datasheet HTML 7Page - ams AG TCS34903FN Datasheet HTML 8Page - ams AG TCS34903FN Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-09] 2016-Jan-11
TCS3490 − Absolute Maximum R atings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Recommended
Operating Conditions is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Figure 5:
Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
Supply voltage, VDD
3.8
V
All voltages are with respect to GND
Input terminal voltage
-0.5
3.8
V
Output terminal voltage
-0.5
3.8
V
Output terminal current (SDA, INT)
-1
20
mA
Storage temperature range, TSTRG
-40
85
ºC
Electrostatic discharge voltage
±2000
V
JEDEC specification
JESD22-A11 Class 1C
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com