Electronic Components Datasheet Search
  English  ▼

X  

TCS34903FN Datasheet(PDF) 5 Page - ams AG

Part # TCS34903FN
Description  Color Light-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS34903FN Datasheet(HTML) 5 Page - ams AG

  TCS34903FN Datasheet HTML 1Page - ams AG TCS34903FN Datasheet HTML 2Page - ams AG TCS34903FN Datasheet HTML 3Page - ams AG TCS34903FN Datasheet HTML 4Page - ams AG TCS34903FN Datasheet HTML 5Page - ams AG TCS34903FN Datasheet HTML 6Page - ams AG TCS34903FN Datasheet HTML 7Page - ams AG TCS34903FN Datasheet HTML 8Page - ams AG TCS34903FN Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
ams Datasheet
Page 5
[v1-09] 2016-Jan-11
Document Feedback
TCS3490 − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Figure 6:
Recommended Operating Conditions
Note(s) and/or Footnote(s):
1. While the device is operational across the temperature range, functionality will vary with temperature. Specifications are stated at
25°C unless otherwise noted.
Figure 7:
Operating Characteristics, VDD=3V, TA=25ºC (unless otherwise noted)
Symbol
Parameter
Min
Typ
Max
Units
VDD
Supply voltage
2.7
3
3.6
V
TA
Operating free-air temperature (1)
-40
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDD
Supply current
Active
235
330
μA
Wait state
60
Sleep state - no I²C activity
1.0
10
VOL
INT, SDA output low
voltage
3 mA sink current
0
0.4
V
6 mA sink current
0
0.6
ILEAK
Leakage current, SDA,
SCL, INT pins
-5
5
μA
VIH
SCL, SDA input high
voltage
TCS34901, TCS34905
0.7 VDD
V
TCS34903, TCS34907
1.26
VIL
SCL, SDA input low
voltage
TCS34901, TCS34905
0.3 VDD
V
TCS34903, TCS34907
0.54
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com