Electronic Components Datasheet Search
  English  ▼

X  

TAS5630B Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5630B
Description  300-W Stereo and 400-W Mono PurePath HD Analog-Input Power Stage
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5630B Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5630B Datasheet HTML 17Page - Texas Instruments TAS5630B Datasheet HTML 18Page - Texas Instruments TAS5630B Datasheet HTML 19Page - Texas Instruments TAS5630B Datasheet HTML 20Page - Texas Instruments TAS5630B Datasheet HTML 21Page - Texas Instruments TAS5630B Datasheet HTML 22Page - Texas Instruments TAS5630B Datasheet HTML 23Page - Texas Instruments TAS5630B Datasheet HTML 24Page - Texas Instruments TAS5630B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
0.005
0.01
0.1
1
10
20m
100m
1
10
100
400
PO − Output Power − W
4
Ω
6
Ω
8
Ω
TC = 75°C
G001
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
340
25
30
35
40
45
50
PVDD − Supply Voltage − V
4
Ω
6
Ω
8
Ω
TC = 75°C
THD+N at 10%
G001
TAS5630B
www.ti.com
SLES217D – NOVEMBER 2010 – REVISED MARCH 2015
Typical Application (continued)
•
Pin 13, 14 – Oscillator input/output. When frequency adjust pin is pulled up to VREG, the oscillator pins are
configured as inputs.
•
Pin 15 – Shutdown pin can be monitored by a microcontroller through GPIO pin. System can decide to assert
reset or power down. See Error Reporting.
•
Pin 16, 17 – There are two overtemperature warning pins for PHD package. They have two different levels of
warning. OTW1 is lower temperature level warning than OTW2. They can be monitored by a microcontroller
through GPIO pins. System can decide to turn on fan, lower output power or shutdown. See Error Reporting.
•
Pin 18 – Output clip indicator can be monitored by a microcontroller through a GPIO pin. System can decide
to lower the volume.
•
Pin 19 – Ready pin can be used to signal the system that the device is up and running.
•
Pin 20-22 – Mode pins set the input and output configurations. See Table 2 for configuration setting of these
pins.
•
Pin 25, 26, 55, 56 – Gate drive power pins provide gate voltage for half-bridges. Each needs a 3.3-
Ω isolation
resistor and a 0.1-uF decoupling capacitor.
•
Pins 27, 40, 41, 54 – Bootstrap pins for half-bridges A, B, C, D. Connect 33 nF from this pin to corresponding
output pins.
•
Pins 28, 29, 36, 37, 44, 45, 53, 54 – Output pins from half-bridges A, B, C, D. Connect appropriate bootstrap
capacitors to the output pins. For PWM filtering, each output mode is used with different LC configuration.
•
Pins 30, 31, 38, 39, 42, 43, 50, 51 – Power supply pins to half-bridges A, B, C, D. Each PVDD_X has
decoupling capacitor connecting to the appropriate GND_X pin.
•
Pins 32, 33, 34, 35, 46, 47, 48, 49 – Connect decoupling capacitors of each power input pin to power supply
ground pins. Connect these pins to board ground.
•
Pins 59-62 – Connect “No connect” pins to board ground. There is no internal connection to these pins.
8.2.1.3 Application Curves
Figure 16. Total Harmonic + Noise vs Output Power
Figure 17. Output Power vs Supply Voltage
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TAS5630B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com