Electronic Components Datasheet Search
  English  ▼

X  

TAS5630B Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5630B
Description  300-W Stereo and 400-W Mono PurePath HD Analog-Input Power Stage
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5630B Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5630B Datasheet HTML 9Page - Texas Instruments TAS5630B Datasheet HTML 10Page - Texas Instruments TAS5630B Datasheet HTML 11Page - Texas Instruments TAS5630B Datasheet HTML 12Page - Texas Instruments TAS5630B Datasheet HTML 13Page - Texas Instruments TAS5630B Datasheet HTML 14Page - Texas Instruments TAS5630B Datasheet HTML 15Page - Texas Instruments TAS5630B Datasheet HTML 16Page - Texas Instruments TAS5630B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
0
50
100
150
200
250
300
350
400
450
500
−10
0
10
20
30
40
50
60
70
80
90 100 110
TC − Case Temperature −°C
3
Ω
4
Ω
6
Ω
8
Ω
THD+N at 10%
G001
0.005
0.01
0.1
1
10
20m
100m
1
10
100
700
PO − Output Power − W
3
Ω
4
Ω
6
Ω
8
Ω
TC = 75°C
G001
0
50
100
150
200
250
300
350
400
450
500
25
30
35
40
45
50
PVDD − Supply Voltage − V
3
Ω
4
Ω
6
Ω
8
Ω
TC = 75°C
THD+N at 10%
G001
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
−10
0
10
20
30
40
50
60
70
80
90 100 110
TC − Case Temperature −°C
2
Ω
3
Ω
4
Ω
THD+N at 10%
G001
TAS5630B
www.ti.com
SLES217D – NOVEMBER 2010 – REVISED MARCH 2015
SE Configuration (continued)
Figure 11. Output Power vs Case Temperature
6.9.3 PBTL Configuration
Figure 12. Total Harmonic Distortion + Noise vs Output
Figure 13. Output Power vs Supply Voltage
Power
Figure 14. Output Power vs Case Temperature
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TAS5630B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com