Electronic Components Datasheet Search
  English  ▼

X  

F861AP104M310C Datasheet(PDF) 2 Page - Kemet Corporation

Part # F861AP104M310C
Description  Metallized Polypropylene Film, Class X2, 310 VAC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F861AP104M310C Datasheet(HTML) 2 Page - Kemet Corporation

  F861AP104M310C Datasheet HTML 1Page - Kemet Corporation F861AP104M310C Datasheet HTML 2Page - Kemet Corporation F861AP104M310C Datasheet HTML 3Page - Kemet Corporation F861AP104M310C Datasheet HTML 4Page - Kemet Corporation F861AP104M310C Datasheet HTML 5Page - Kemet Corporation F861AP104M310C Datasheet HTML 6Page - Kemet Corporation F861AP104M310C Datasheet HTML 7Page - Kemet Corporation F861AP104M310C Datasheet HTML 8Page - Kemet Corporation F861AP104M310C Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3001_F861_X2_310 • 5/13/2015
2
Film Capacitors
AC Line EMI Suppression and RC Networks – F861 Series Metallized Polypropylene Film, Class X2, 310 VAC
Ordering Options Table cont'd
Lead Spacing
Nominal (mm)
Type of Leads and Packaging
Lead Length
(mm)
Lead and
Packaging
Code
10
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4+2/-0
C
Bulk (Bag) – Long Leads
17+0/-1
A
Tape & Reel (Standard Reel)
H
0= 18.5+/-0.5
L
Other Lead and Packaging Options
Bulk (Bag) – Max Length Leads
20+5/-0
ALL0L
Ammo Pack
H
0= 18.5+/-0.5
R
Tape & Reel (Large Reel)
H
0= 18.5+/-0.5
P
15
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4+2/-0
C
Bulk (Bag) – Long Leads
17+0/-1
A
Tape & Reel (Standard Reel)
H
0= 18.5+/-0.5
L
Pizza Pack
4+2/-0
Z
Other Lead and Packaging Options
Bulk (Bag) – Max Length Leads
25+5/-0
ALR0L
Ammo Pack
H
0= 18.5+/-0.5
R
Tape & Reel (Large Reel)
H
0= 18.5+/-0.5
P
22.5
Standard Lead and Packaging Options
Pizza – Long Leads
17+0/-1
ZLH0J
Pizza Pack
4+2/-0
Z
Other Lead and Packaging Options
Tape & Reel (Standard Reel)
H
0= 18.5+/-0.5
L
Tape & Reel (Large Reel)
H
0= 18.5+/-0.5
P
Ammo Pack
H
0= 18.5+/-0.5
R
27.5
Standard Lead and Packaging Options
Pizza – Long Leads
17+0/-1
ZLH0J
Pizza Pack
4+2/-0
Z
37.5
Standard Lead and Packaging Options
Pizza – Long Leads
17+0/-1
ZLH0J
Pizza Pack
4+2/-0
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com