Electronic Components Datasheet Search
  English  ▼

X  

F861AP104M310C Datasheet(PDF) 5 Page - Kemet Corporation

Part # F861AP104M310C
Description  Metallized Polypropylene Film, Class X2, 310 VAC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F861AP104M310C Datasheet(HTML) 5 Page - Kemet Corporation

  F861AP104M310C Datasheet HTML 1Page - Kemet Corporation F861AP104M310C Datasheet HTML 2Page - Kemet Corporation F861AP104M310C Datasheet HTML 3Page - Kemet Corporation F861AP104M310C Datasheet HTML 4Page - Kemet Corporation F861AP104M310C Datasheet HTML 5Page - Kemet Corporation F861AP104M310C Datasheet HTML 6Page - Kemet Corporation F861AP104M310C Datasheet HTML 7Page - Kemet Corporation F861AP104M310C Datasheet HTML 8Page - Kemet Corporation F861AP104M310C Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3001_F861_X2_310 • 5/13/2015
5
Film Capacitors
AC Line EMI Suppression and RC Networks – F861 Series Metallized Polypropylene Film, Class X2, 310 VAC
Performance Characteristics
Rated Voltage
310 VAC 50/60 Hz
Capacitance Range
0.01 – 4.7 µF
Capacitance Tolerance
±20%, ±10%
Temperature Range
-40ºCto+110°C
Climatic Category
40/110/56
Approvals
ENEC, UL, cUL, CQC
Dissipation Factor
MaximumValuesat+23°C
C≤0.1µF
C > 0.1 µF
1 kHz
0.3%
0.2%
Test Voltage Between Terminals
The 100% screening factory test is carried out at 1,900 VDC. The
voltage level is selected to meet the requirements in applicable
equipment standards. All electrical characteristics are checked
after the test. It is not permitted to repeat this test as there is a risk
to damage the capacitor. KEMET is not liable in such case for any
failures.
Insulation Resistance
Minimum Values Between Terminals
C≤0.33µF
≥30,000MΩ
C > 0.33 µF
≥10,000MΩ•µF
In DC Applications
Recommendedvoltage≤630VDC
Impedance Graph



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com