Electronic Components Datasheet Search
  English  ▼

X  

TMG39921 Datasheet(PDF) 5 Page - ams AG

Part # TMG39921
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMG39921 Datasheet(HTML) 5 Page - ams AG

  TMG39921 Datasheet HTML 1Page - ams AG TMG39921 Datasheet HTML 2Page - ams AG TMG39921 Datasheet HTML 3Page - ams AG TMG39921 Datasheet HTML 4Page - ams AG TMG39921 Datasheet HTML 5Page - ams AG TMG39921 Datasheet HTML 6Page - ams AG TMG39921 Datasheet HTML 7Page - ams AG TMG39921 Datasheet HTML 8Page - ams AG TMG39921 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 95 page
background image
ams Datasheet
Page 5
[v1-04] 2014-Oct-24
Document Feedback
TMG3992 − Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Rating”
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Recommended
Operating Conditions is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Figure 5:
Absolute Maximum Ratings (all voltages with respect to GND)
Note(s) and/or Footnote(s):
1. Measured with LDR = OFF.
2. LDR = ON.
Symbol
Parameter
Min
Max
Units
Comments
VDD
Supply voltage
3.8
V
All voltages are with respect to GND
LEDA
Supply voltage
4.8
V
TA = 0 to 70ºC
4.4
V
TA = -30 to 85ºC
Digital I/O terminal voltage
- 0.5
3.8
V
LDR
Max voltage
4.4
V
TA = -30 to 85ºC
(1)
4.8
V
TA = 0 to 70ºC
(1)
3.8
V
TA = -30 to 85ºC
(2)
(SDA, INT)
Output terminal current
- 1
20
mA
Tstg
Storage temperature range
- 40
85
ºC
ESD tolerance, human
body model
-2000
2000
V
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com