Electronic Components Datasheet Search
  English  ▼

X  

AL5802LP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL5802LP
Description  LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5802LP Datasheet(HTML) 2 Page - Diodes Incorporated

  AL5802LP_7 Datasheet HTML 1Page - Diodes Incorporated AL5802LP_7 Datasheet HTML 2Page - Diodes Incorporated AL5802LP_7 Datasheet HTML 3Page - Diodes Incorporated AL5802LP_7 Datasheet HTML 4Page - Diodes Incorporated AL5802LP_7 Datasheet HTML 5Page - Diodes Incorporated AL5802LP_7 Datasheet HTML 6Page - Diodes Incorporated AL5802LP_7 Datasheet HTML 7Page - Diodes Incorporated AL5802LP_7 Datasheet HTML 8Page - Diodes Incorporated AL5802LP_7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SBR is a registered trademark of Diodes Incorporated
AL5802LP-7
Document number: DS37549 Rev. 3 - 2
2 of 10
www.diodes.com
May 2015
© Diodes Incorporated
AL5802LP-7
Pin Descriptions
Pin Number
Name
Function
1
OUT
Open-Collector LED Driver Output
2
REXT
Current Sense Pin
LED current sensing resistor should be connected from here to GND
3
GND
Ground Reference Point for Setting LED Current
4
EN
Enable Pin for PWM Dimming
Provides access to the base of Q2 and the collector of Q1
5
N/C
No Connection
6
BIAS
Biases the Open Collector Output Transistor
Functional Block Diagram
Figure 1 Block Diagram
Absolute Maximum Ratings
Symbol
Characteristics
Values
Unit
VOUT
Output Voltage Relative to GND
30
V
VBIAS
BIAS Voltage Relative to GND
30
V
VFB
LED Voltage Relative to GND
6
V
VEN
EN Voltage Relative to GND
6
V
VREXT
REXT Voltage Relative to GND
6
V
IOUT
Output Current
150
mA
TOP
Operating Temperature
-40 to +150
°C
TSTG
Storage Temperature
-55 to +150
°C
These are stress ratings only. Operation outside the absolute maximum ratings may cause device failure. Operation at the absolute maximum rating for extended
periods of time may reduce device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com