Electronic Components Datasheet Search
  English  ▼

X  

AL5802LP Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL5802LP
Description  LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5802LP Datasheet(HTML) 4 Page - Diodes Incorporated

  AL5802LP_7 Datasheet HTML 1Page - Diodes Incorporated AL5802LP_7 Datasheet HTML 2Page - Diodes Incorporated AL5802LP_7 Datasheet HTML 3Page - Diodes Incorporated AL5802LP_7 Datasheet HTML 4Page - Diodes Incorporated AL5802LP_7 Datasheet HTML 5Page - Diodes Incorporated AL5802LP_7 Datasheet HTML 6Page - Diodes Incorporated AL5802LP_7 Datasheet HTML 7Page - Diodes Incorporated AL5802LP_7 Datasheet HTML 8Page - Diodes Incorporated AL5802LP_7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SBR is a registered trademark of Diodes Incorporated
AL5802LP-7
Document number: DS37549 Rev. 3 - 2
4 of 10
www.diodes.com
May 2015
© Diodes Incorporated
AL5802LP-7
Thermal Characteristics
VOUT (V)
Figure 3 Output Current vs. VOUT
VOUT (V)
Figure 5 Output Current vs. VOUT
VOUT (V)
Figure 6 Output Current vs. VOUT
0
0.1
0.2
0.3
0.4
0.5
25
0
50
75
100
125
150
T, TEMPERATURE ( C)
Figure 2 Power Derating Curve
°
0.6
Note 5
P vs.
D
T
L
P vs.T
D
A
Figure 4 Output Current vs. Rext
Rext (
)
Ω
0
50
100
1
10
100
Vout = 1.4V
Vout = 5.4V
Vbias = 24V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com