Electronic Components Datasheet Search
  English  ▼

X  

AP4370 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP4370
Description  DECODING IC COMPATIBLE TO QUALCOMM QUICK CHARGE 2.0 PROTOCOL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP4370 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP4370 Datasheet HTML 1Page - Diodes Incorporated AP4370 Datasheet HTML 2Page - Diodes Incorporated AP4370 Datasheet HTML 3Page - Diodes Incorporated AP4370 Datasheet HTML 4Page - Diodes Incorporated AP4370 Datasheet HTML 5Page - Diodes Incorporated AP4370 Datasheet HTML 6Page - Diodes Incorporated AP4370 Datasheet HTML 7Page - Diodes Incorporated AP4370 Datasheet HTML 8Page - Diodes Incorporated AP4370 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AP4370
Document number: DS37242 Rev. 3 - 2
1 of 12
www.diodes.com
December 2014
© Diodes Incorporated
AP4370
DECODING IC COMPATIBLE TO QUALCOMM QUICK CHARGE 2.0 PROTOCOL
Description
The AP4370 is a decoding IC compatible to Qualcomm High Voltage
Dedicated Charging Port (HVDCP) Quick Charge (QC) 2.0 protocol.
It decodes the different combinations of D+/D- signals, generated by
the portable device, into the related configurations of V1/V2, which
can be used to change either voltage reference or voltage feedback
divider resister for the controller IC to make the further constant
voltage/constant current control. The AP4370 has over voltage
discharge feature to accelerate output voltage decline transition. The
AP4370 automatically provides 5V output configuration for the
connected portable device that is not compatible to Qualcomm QC
2.0 protocol.
The AP4370 is packaged in TSOT26 and SOT26 packages.
Features
Compatible to Qualcomm HVDCP Quick Charge 2.0 Protocol
Class A: 5V/9V/12V
Ultra Low Static Current: 80µA at 5V VCC
Wide VCC Supply Voltage: 4.5V to 15V
Over Voltage Discharge Feature to Accelerate Output Voltage
Decline Transition
Small Profile: TSOT26/SOT26 SMD Package in Accordance with
Level 3 of IPC/JEDEC J-STD-033A
Totally Lead-free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
Pin Assignments
(Top View)
1
2
3
4
5
Pin 1 Mark
6
D+
GND
D-
VCC
V2
V1
TSOT26 / SOT26
Applications
Chargers/ Adapters
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
Transformer
Secondary
+
C22
+
C23
C21
R21
D+
D-
GND
AP4370
V1
VCC
V2
R22
D21
C25
U22
VOUT
D-
D+
GND
USB
Connector
1
2
3
4
6
5
Opto-coupler
U21
R24
TL431
U23
C24
R25
R26
R27
R23
R28
R29
C26
C27


Similar Part No. - AP4370

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP4373A DIODES-AP4373A Datasheet
459Kb / 10P
QUICK CHARGER CONTROLLER SUPPORT QUALCOMM QC2.0
Rev. 4 - 2 May 2020
AP4373AW5-7 DIODES-AP4373AW5-7 Datasheet
459Kb / 10P
QUICK CHARGER CONTROLLER SUPPORT QUALCOMM QC2.0
Rev. 4 - 2 May 2020
AP43761 DIODES-AP43761 Datasheet
435Kb / 8P
3A USB TYPE-C CONTROLLER WITH INTEGRATED SWITCH
Rev 3
AP43761MTR-G1 DIODES-AP43761MTR-G1 Datasheet
435Kb / 8P
3A USB TYPE-C CONTROLLER WITH INTEGRATED SWITCH
Rev 3
AP43770 DIODES-AP43770 Datasheet
361Kb / 9P
HIGH-PERFORMANCE USB PD CONTROLLER
July 2020
More results

Similar Description - AP4370

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7341 PHILIPS-SAA7341 Datasheet
1,002Kb / 28P
COMS Digital decoding IC for Compact Disc
November 1991
logo
Microchip Technology
MCP2200 MICROCHIP-MCP2200 Datasheet
504Kb / 34P
USB 2.0 to UART Protocol Converter with GPIO
2010
logo
ON Semiconductor
NCP4371 ONSEMI-NCP4371_16 Datasheet
109Kb / 13P
Qualcomm Quick Charge 3.0 HVDCP Controller
March, 2016 ??Rev. P1
logo
Megawin Technology Co.,...
MG26P701 MEGAWIN-MG26P701 Datasheet
422Kb / 11P
Support Quick Charge 2.0 Class A
logo
Dialog Semiconductor
IW620 DIALOG-IW620 Datasheet
277Kb / 4P
Quick Charge 2.0 USB Adaptive Voltage Position Controller
logo
Diodes Incorporated
AP43331N DIODES-AP43331N Datasheet
537Kb / 11P
QUICK CHARGER CONTROLLER COMPATIBLE WITH QUALCOMM QC3.0
Rev 4
logo
Shenzhen Huazhimei Semi...
HM1497 HMSEMI-HM1497 Datasheet
1Mb / 7P
36V standoff, 2.5A Step-Down DCDC Converter with Quick Charge Protocol
logo
Tripp Lite. All Rights ...
U280-C02-S-QC3 TRIPPLITE-U280-C02-S-QC3 Datasheet
159Kb / 3P
Dual-Port USB Car Charger for Tablets and Cell Phones with Qualcomm Quick Charge 3.0 Technology
logo
Diodes Incorporated
AP3171 DIODES-AP3171 Datasheet
325Kb / 8P
QUICK CHARGE BUCK CONVERTER COMPATIBLE TO QUALCOMM QC 2.0
July 2020
AP4373A DIODES-AP4373A Datasheet
459Kb / 10P
QUICK CHARGER CONTROLLER SUPPORT QUALCOMM QC2.0
Rev. 4 - 2 May 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com